Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61310 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS61310
Description  T1 INE INTERFACE UNIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61310 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS61310 Datasheet HTML 17Page - Cirrus Logic CS61310 Datasheet HTML 18Page - Cirrus Logic CS61310 Datasheet HTML 19Page - Cirrus Logic CS61310 Datasheet HTML 20Page - Cirrus Logic CS61310 Datasheet HTML 21Page - Cirrus Logic CS61310 Datasheet HTML 22Page - Cirrus Logic CS61310 Datasheet HTML 23Page - Cirrus Logic CS61310 Datasheet HTML 24Page - Cirrus Logic CS61310 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
CS61310
DS440F1 FEB ‘03
21
Power Supplies
TGND - Ground Transmit Driver, Pin 14.
Power supply ground for the transmit driver; typically 0 Volts.
TV+ - Power Supply, Transmit Driver, Pin 15.
Power supply for the transmit driver; typically +5 Volts.
RV+ - Power Supply, Pin 21.
Power supply for all subcircuits except the transmit driver; typically +5 Volts.
RGND - Ground, Pin 22.
Power supply ground for all subcircuits except the transmit driver; typically 0 Volts.
Oscillator
XTALIN, XTALOUT - Crystal Connections, Pins 9 and 10.
A 6.176 MHz crystal can be connected across these pins. This oscillator provides the reference
frequency for the LIU if MCLK is not provided. The load capacitance presented to the crystal by these
pins should be approximately 19pF (IC and package, when soldered into a circuit board). The jitter
attenuator may be disabled by tying XTALIN to RV+ through a 1k
Ω resistor, and floating XTALOUT.
When pin 9 has no clock input, a clock must be supplied to the MCLK pin. Alternatively an external
6.176 MHz clock can be driven into XTALIN, and the jitter attenuator circuit will operate.
If MCLK is provided, and XTALIN is tied low or left floating, the jitter attenuator will be enabled.
Control
MCLK - Master Clock Input, Pin 1.
Either MCLK or the crystal oscillator provide the master frequency reference for the CS61310. If both
MCLK and the crystal oscillator are present, the oscillator is ignored. MCLK should be 1.544 MHz. If
MCLK is not used, it must be grounded.
MODE - Mode Select Input, Pin 5.
Setting the MODE pin high puts the CS61310 into Host Mode where the device is controlled by a
microprocessor, via a serial port. Setting the MODE pin low, configures the part for hardware mode
control where various control and status are provided on dedicated pins. The MODE pin is internally
pulled down placing the part in Hardware Mode when this pin is left floating. Tying the MODE pin to
RCLK places the chip in Hardware Mode and enables the B8ZS encoder/decoder (provided that coder
mode has been enabled; see the description for TNEG/UBS pin).
JASEL - Jitter Attenuator Select, Pin 11.
If the jitter attenuator is enabled (crystal oscillator active, or XTALIN tied low or left floating with MCLK
provided), setting JASEL high places the jitter attenuator in the receive path; setting JASEL low places
the jitter attenuator in the transmit path.
NC - No Connect, Pin 17.
The input voltage to this pin does not effect normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com