Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61310 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS61310
Description  T1 INE INTERFACE UNIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61310 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS61310 Datasheet HTML 10Page - Cirrus Logic CS61310 Datasheet HTML 11Page - Cirrus Logic CS61310 Datasheet HTML 12Page - Cirrus Logic CS61310 Datasheet HTML 13Page - Cirrus Logic CS61310 Datasheet HTML 14Page - Cirrus Logic CS61310 Datasheet HTML 15Page - Cirrus Logic CS61310 Datasheet HTML 16Page - Cirrus Logic CS61310 Datasheet HTML 17Page - Cirrus Logic CS61310 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
CS61310
14
DS440F1 FEB ‘03
2.13
Control Register 1: Address 0x10
TAOS
Transmit All Ones Select
When TAOS = 1, all ones are transmitted at the TCLK frequency
LLOOP
Local Loopback
When LLOOP = 1, data input at TPOS, TNEG (TDATA) is internally looped back and output on
RPOS, RNEG (RDATA). TCLK is routed to RCLK, through the jitter attenuator, if activated.
RLOOP
Remote Loopback
When RLOOP = 1, clock and data recovered by the receiver are sent back through the transmit
path and retransmitted. The clock and data are routed through the jitter attenuator, if activated.
LBO2, 1
Line BuildOut
LBO2
LBO1
Attenuation
00
0 dB
01
-7.5 dB
10
-15 dB
1
1
-22.5 dB
CODER
Zero Substitution (valid only when TNEG (UBS) is tied high, invoking coder mode).
(TAZ)
Setting CODER to “1” enables B8ZS encoding and decoding.
When not in coder mode (TPOS/TNEG are data inputs) setting TAZ to “1” causes all zeros to
be transmitted.
NLOOP
Network Loopback
NLOOP = 1 when a network loopback code has been detected on the received signal.
An interrupt will occur when NLOOP changes state unless a “1” is written to NLOOP disabling
the interrupt.
LOS
Loss Of Signal
LOS = 1 when the loss of signal criteria have been met (175 zeros).
LOS = 0 when a valid signal is being received.
An interrupt will occur when LOS changes state unless a “1” is written to LOS disabling the in-
terrupt.
2.14
Control Register 2: Address 0x11
AIS
Alarm Indication Signal.
AIS = 1 when an all ones pattern is present at the receiver. This bit is reset to “0” by the first
read occurring after the AIS condition has cleared.
An interrupt will occur when AIS is present unless a “1” is written to AIS disabling the interrupt.
RAMPLSE
When RAMPLSE = 1, output pulse shapes are determined by the codes in the internal, pro-
grammable, transmit RAM.
LOOPDN
Loop Down
Setting LOOPDN to “1” causes the data pattern 001... to be repetitively transmitted.
7 (MSB)
6543
21
0 (LSB)
TAOS
LLOOP
RLOOP
LBO2
LBO1
CODER
TAZ
NLOOP
LOS
7(MSB)
6
5
4
3
2
1
0(LSB)
AIS
RAMPLSE
RSVD
set to “0”
LOOPDN
LOOPUP
RPWDN
TxHIZ
RSVD
set to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com