Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61310 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS61310
Description  T1 INE INTERFACE UNIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61310 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS61310 Datasheet HTML 20Page - Cirrus Logic CS61310 Datasheet HTML 21Page - Cirrus Logic CS61310 Datasheet HTML 22Page - Cirrus Logic CS61310 Datasheet HTML 23Page - Cirrus Logic CS61310 Datasheet HTML 24Page - Cirrus Logic CS61310 Datasheet HTML 25Page - Cirrus Logic CS61310 Datasheet HTML 26Page - Cirrus Logic CS61310 Datasheet HTML 27Page - Cirrus Logic CS61310 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
CS61310
24
DS440F1 FEB ‘03
RRDATA - Received Data, Pin 7.
Unipolar data (single-line NRZ) data is output on RDATA when pin 4, TNEG/UBS, is held high.
RCLK - Recovered Clock Output, Pin 8.
RCLK outputs the clock recovered from the input signal at RTIP and RRING. In a Loss of Signal state
RCLK is driven either by MCLK or the crystal oscillator, or retains the frequency prior to the LOS state,
depending on the clocks provided. While LOS is true, RCLK will be driven either by MCLK or the crystal
oscillator. If the jitter attenuator is in the receive path, RCLK will make a smooth transition to the LOS
timing. RCLK will remain at its frequency prior to LOS.
RTIP,RRING - Receive Tip, Receive Ring, Pins 19,20.
The B8ZS signal received from the line is input via these pins. A 1:1 transformer and appropriate
matching resistors are required as shown in the applications section. Data and clock recovered from the
signal input on these pins is output via RPOS, RNEG, and RCLK.
TTIP, TRING - Transmit Tip, Transmit Ring, Pins 13,16
These pins are the output of the differential transmit driver. The transformer and matching resistors can
be chosen to give the desired pulse height (see Application Schematics)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com