Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61310 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS61310
Description  T1 INE INTERFACE UNIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61310 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS61310 Datasheet HTML 6Page - Cirrus Logic CS61310 Datasheet HTML 7Page - Cirrus Logic CS61310 Datasheet HTML 8Page - Cirrus Logic CS61310 Datasheet HTML 9Page - Cirrus Logic CS61310 Datasheet HTML 10Page - Cirrus Logic CS61310 Datasheet HTML 11Page - Cirrus Logic CS61310 Datasheet HTML 12Page - Cirrus Logic CS61310 Datasheet HTML 13Page - Cirrus Logic CS61310 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
CS61310
10
DS440F1 FEB ‘03
after 175 bit periods, preventing transmission
when data input is not present. In host mode, the
transmitter can be set to high impedance by setting
the TxHIZ bit (CR2.1) to “1.”
When any transmit control bit (TAOS, LEN0-2,
LBO1-2, or LLOOP) is toggled, the transmitter out-
puts will require approximately 22 bit periods to
stabilize. The transmitter will take longer to stabi-
lize when RLOOP is selected because the timing
circuitry must adjust to the new frequency.
2.4
Transmit All Ones Select
The transmitter provides for all ones to be generat-
ed at TTIP and TRING. The timing of the bits is
controlled by TCLK; if TCLK is absent, then MCLK
is used; in the absence of MCLK, the quartz crystal
generates the output timing. Transmit all ones is
selected in hardware mode by setting the TAOS
pin high (CR1.7 = 1 in host mode). When TAOS is
active, the TPOS and TNEG (TDATA) inputs are
ignored. If Remote Loopback is in effect, any
TAOS request will be ignored.
2.4.1
Receiver
A noise and cross-talk filter removes signal compo-
nents that are coupled onto the line from other ca-
bles. The clock and data recovery circuit exceeds
the jitter tolerance specifications of Publication
43802, Publication 43801, AT&T 62411, and
TR-TSY-000170. Jitter tolerance is shown in
Figure 7. The RTIP and RRING inputs are biased
to an intermediate DC level and treat the input sig-
nal differentially.
The receiver extracts data and clock from the input
signal. The receiver outputs are the clock and syn-
chronized data. The incoming pulses are amplified,
equalized and filtered before being fed to the com-
parator for peak detection, slicing and data recov-
ery.
2.4.2
Clock Recovery
The clock recovery circuit is a third-order phase-
locked loop. The digital PLL in the clock recovery
circuit of the CS61310 recovers clock from the
edges of the incoming pulses (1’s). The clock and
data recovery circuit is tolerant of long strings of
consecutive zeros, and will successfully receive a
1-in-175, jitter-free input signal.
In the hardware mode, data on RPOS and RNEG
(RDATA), is stable and latched on the rising edge
of recovered clock, RCLK. In host mode, the CLKE
pin determines the clock polarity for which output
data is stable and valid (see Table 2). When CLKE
is high, RPOS and RNEG (RDATA) are valid on
the falling edge of RCLK. When CLKE is low,
RPOS and RNEG are valid on the rising edge of
RCLK.
Setting TNEG high for more than 16 TCLK cycles
enables the coder mode, changing TPOS to TDA-
TA, RPOS to RDATA, and RNEG to BPV. When
configured for coder mode, the MODE pin can be
tied to RCLK enabling the B8ZS encoders and de-
coders.
2.4.3
Jitter Tolerance
The receiver jitter tolerance is shown in Figure 7.
The CS61310 jitter tolerance exceeds AT&T
62411 for synchronizers.
MODE
CLKE
DATA
CLOCK
Clock Edge for
Valid Data
LOW
Don’t
Care
RPOS
RNEG
RCLK
Rising
HIGH
LOW
RPOS
RNEG
SDO
RCLK
RCLK
SCLK
Rising
Rising
Falling
HIGH
HIGH
RPOS
RNEG
SDO
RCLK
RCLK
SCLK
Falling
Falling
Rising
Table 2. Data Output/Clock Relationship
10
1k
10 k
1
100
100k
700
.1
1
10
100
.4
28
300
300
PEAK-TO-PEAK
JITTER
(un it inte rva ls)
JITTER FREQ UENCY
(H z)
AT& T 6 2411
P erform ance
138
Min im u m
Figure 7. Minimum Input Jitter Tolerance of Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com