Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AL008D55BAI011 Datasheet(PDF) 42 Page - SPANSION

Part # S29AL008D55BAI011
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008D55BAI011 Datasheet(HTML) 42 Page - SPANSION

Back Button S29AL008D55BAI011 Datasheet HTML 38Page - SPANSION S29AL008D55BAI011 Datasheet HTML 39Page - SPANSION S29AL008D55BAI011 Datasheet HTML 40Page - SPANSION S29AL008D55BAI011 Datasheet HTML 41Page - SPANSION S29AL008D55BAI011 Datasheet HTML 42Page - SPANSION S29AL008D55BAI011 Datasheet HTML 43Page - SPANSION S29AL008D55BAI011 Datasheet HTML 44Page - SPANSION S29AL008D55BAI011 Datasheet HTML 45Page - SPANSION S29AL008D55BAI011 Datasheet HTML 46Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 55 page
background image
42
S29AL008D
S29AL008D_00A3 June 16, 2005
Da t a
S h ee t
AC Characteristics
Erase / Program Operations
Notes:
1. Not 100% tested.
2. See Table , on page 49 for more information.
Parameter
Speed Options
JEDEC
Std
Description
55
70
90
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min
55
70
90
ns
tAVWL
tAS
Address Setup Time
0
tWLAX
tAH
Address Hold Time
45
tDVWH
tDS
Data Setup Time
35
35
45
tWHDX
tDH
Data Hold Time
0
tOES
Output Enable Setup Time
0
tGHWL
tGHWL
Read Recovery Time Before Write
(OE# High to WE# Low)
0
tELWL
tCS
CE# Setup Time
0
tWHEH
tCH
CE# Hold Time
0
tWLWH
tWP
Write Pulse Width
35
tWHWL
tWPH
Write Pulse Width High
30
tWHWH1
tWHWH1 Programming Operation (Note 2)
Byte
Typ
5
µs
Word
7
tWHWH2
tWHWH2 Sector Erase Operation (Note 2)
0.7
sec
tVCS
VCC Setup Time (Note 1)
Min
50
µs
tRB
Recovery Time from RY/BY#
0
ns
tBUSY
Program/Erase Valid to RY/BY# Delay
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com