Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AL008D55BAI011 Datasheet(PDF) 12 Page - SPANSION

Part # S29AL008D55BAI011
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008D55BAI011 Datasheet(HTML) 12 Page - SPANSION

Back Button S29AL008D55BAI011 Datasheet HTML 8Page - SPANSION S29AL008D55BAI011 Datasheet HTML 9Page - SPANSION S29AL008D55BAI011 Datasheet HTML 10Page - SPANSION S29AL008D55BAI011 Datasheet HTML 11Page - SPANSION S29AL008D55BAI011 Datasheet HTML 12Page - SPANSION S29AL008D55BAI011 Datasheet HTML 13Page - SPANSION S29AL008D55BAI011 Datasheet HTML 14Page - SPANSION S29AL008D55BAI011 Datasheet HTML 15Page - SPANSION S29AL008D55BAI011 Datasheet HTML 16Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
12
S29AL008D
S29AL008D_00A3 June 16, 2005
Da t a
S h ee t
The internal state machine is set for reading array data upon device power-up,
or after a hardware reset. This ensures that no spurious alteration of the memory
content occurs during the power transition. No command is necessary in this
mode to obtain array data. Standard microprocessor read cycles that assert valid
addresses on the device address inputs produce valid data on the device data
outputs. The device remains enabled for read access until the command register
contents are altered.
See Reading Array Data, on page 19 for more information. Refer to the AC table
for timing specifications and to Figure 13, on page 38 for the timing diagram. ICC1
in the DC Characteristics table represents the active current specification for
reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which includes programming data
to the device and erasing sectors of memory), the system must drive WE# and
CE# to VIL, and OE# to VIH.
For program operations, the BYTE# pin determines whether the device accepts
program data in bytes or words. Refer to Word/Byte Configuration, on page 11
for more information.
The device features an Unlock Bypass mode to facilitate faster programming.
Once the device enters the Unlock Bypass mode, only two write cycles are re-
quired to program a word or byte, instead of four. The Word/Byte Program
Command Sequence, on page 20 contains details on programming data to the
device using both standard and Unlock Bypass command sequences.
An erase operation can erase one sector, multiple sectors, or the entire device.
Table 2, on page 14 and Table 3, on page 15 indicate the address space that each
sector occupies. A sector address consists of the address bits required to uniquely
select a sector. The Command Definitions, on page 19 contains details on erasing
a sector or the entire chip, or suspending/resuming the erase operation.
After the system writes the autoselect command sequence, the device enters the
autoselect mode. The system can then read autoselect codes from the internal
register (which is separate from the memory array) on DQ7–DQ0. Standard read
cycle timings apply in this mode. Refer to the Autoselect Mode, on page 15 and
Autoselect Command Sequence, on page 20 for more information.
ICC2 in the DC Characteristics table represents the active current specification for
the write mode. The AC Characteristics, on page 38 contains timing specification
tables and timing diagrams for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may check the status of the
operation by reading the status bits on DQ7–DQ0. Standard read cycle timings
and ICC read specifications apply. Refer to Write Operation Status, on page 27
for more information, and to AC Characteristics, on page 38 for timing diagrams.
Standby Mode
When the system is not reading or writing to the device, it can place the device
in the standby mode. In this mode, current consumption is greatly reduced, and
the outputs are placed in the high impedance state, independent of the OE#
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com