Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AL008D55BAI011 Datasheet(PDF) 16 Page - SPANSION

Part # S29AL008D55BAI011
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008D55BAI011 Datasheet(HTML) 16 Page - SPANSION

Back Button S29AL008D55BAI011 Datasheet HTML 12Page - SPANSION S29AL008D55BAI011 Datasheet HTML 13Page - SPANSION S29AL008D55BAI011 Datasheet HTML 14Page - SPANSION S29AL008D55BAI011 Datasheet HTML 15Page - SPANSION S29AL008D55BAI011 Datasheet HTML 16Page - SPANSION S29AL008D55BAI011 Datasheet HTML 17Page - SPANSION S29AL008D55BAI011 Datasheet HTML 18Page - SPANSION S29AL008D55BAI011 Datasheet HTML 19Page - SPANSION S29AL008D55BAI011 Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
16
S29AL008D
S29AL008D_00A3 June 16, 2005
Da t a
S h ee t
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Sector Protection/Unprotection
The hardware sector protection feature disables both program and erase opera-
tions in any sector. The hardware sector unprotection feature re-enables both
program and erase operations in previously protected sectors.
The device is shipped with all sectors unprotected. Spansion offers the option of
programming and protecting sectors at its factory prior to shipping the device
through Spansion’s ExpressFlash™ Service. Contact an Spansion representative
for details.
It is possible to determine whether a sector is protected or unprotected. See
Autoselect Mode, on page 15 for details.
Sector Protection/unprotection can be implemented via two methods.
The primary method requires VID on the RESET# pin only, and can be imple-
mented either in-system or via programming equipment. Figure 2, on page 18
shows the algorithms and Figure 23, on page 47 shows the timing diagram. This
method uses standard microprocessor bus cycle timing. For sector unprotect, all
unprotected sectors must first be protected prior to the first sector unprotect
write cycle.
The alternate method intended only for programming equipment requires VID on
address pin A9 and OE#. This method is compatible with programmer routines
written for earlier 3.0 volt-only Spansion flash devices. Publication number 20536
contains further details; contact an Spansion representative to request a copy.
Temporary Sector Unprotect
This feature allows temporary unprotection of previously protected sectors to
change data in-system. The Sector Unprotect mode is activated by setting the
RESET# pin to VID. During this mode, formerly protected sectors can be pro-
grammed or erased by selecting the sector addresses. Once VID is removed from
the RESET# pin, all the previously protected sectors are protected again.
Table 4. S29AL008D Autoselect Codes (High Voltage Method)
Description
Mode
CE# OE# WE#
A18
to
A12
A11
to
A10 A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
Manufacturer ID: Spansion
L
L
H
X
X
VID
X
L
X
L
L
X
01h
Device ID:
Am29LV800B
(Top Boot Block)
Word
L
L
H
X
X
VID
X
L
X
L
H
22h
DAh
Byte
L
L
H
X
DAh
Device ID:
Am29LV800B
(Bottom Boot
Block)
Word
L
L
H
X
X
VID
X
L
X
L
H
22h
5Bh
Byte
L
L
H
X
5Bh
Sector Protection
Verification
L
L
H
SA
X
VID
X
L
X
H
L
X
01h
(protected)
X
00h
(unprotected
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com