Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT975B Datasheet(PDF) 14 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 14 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 10Page - Intel Corporation LXT975B Datasheet HTML 11Page - Intel Corporation LXT975B Datasheet HTML 12Page - Intel Corporation LXT975B Datasheet HTML 13Page - Intel Corporation LXT975B Datasheet HTML 14Page - Intel Corporation LXT975B Datasheet HTML 15Page - Intel Corporation LXT975B Datasheet HTML 16Page - Intel Corporation LXT975B Datasheet HTML 17Page - Intel Corporation LXT975B Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers
14
Datasheet
Table 7.
LXT974 and LXT975 MII Signal Descriptions
Pin#3
Symbol
Type1
Signal Description2
MII Data Interface Pins
33
34
35
36
TXD0_0
TXD0_1
TXD0_2
TXD0_3
I
Transmit Data - Port 0. Inputs containing NRZ data to be transmitted from port 0.
52
53
54
55
TXD1_0
TXD1_1
TXD1_2
TXD1_3
I
Transmit Data - Port 1. Inputs containing NRZ data to be transmitted from port 1.
71
72
73
74
TXD2_0
TXD2_1
TXD2_2
TXD2_3
I
Transmit Data - Port 2. Inputs containing NRZ data to be transmitted from port 2.
89
90
91
92
TXD3_0
TXD3_1
TXD3_2
TXD3_3
I
Transmit Data - Port 3. Inputs containing NRZ data to be transmitted from port 3.
32
51
70
88
TX_EN0
TX_EN1
TX_EN2
TX_EN3
I
Transmit Enable - Ports 0 - 3. Active High input enables respective port transmitter. This
signal must be synchronous to the TX_CLK.
31
50
69
87
TX_CLK0
TX_CLK1
TX_CLK2
TX_CLK3
O
Transmit Clock - Ports 0 - 3. 25 MHz for 100 Mbps operation, 2.5 MHz for 10 Mbps
operation. The transmit data and control signals must always be synchronized to TX_CLK
by the MAC. The LXT974/975 normally samples these signals on the rising edge of
TX_CLK. However, Advanced TX_CLK Mode is available by setting MII register bit 19.5=1.
In this mode, the LXT974/975 samples the transmit data and control signals on the falling
edge of TX_CLK.
30
49
68
86
TX_ER0
TX_ER1
TX_ER2
TX_ER3
I
Transmit Coding Error - Ports 0 - 3. This signal must be driven synchronously to TX_CLK.
When High, forces the respective port to transmit Halt (H) code group.
26
25
24
23
RXD0_0
RXD0_1
RXD0_2
RXD0_3
O
Receive Data - Port 0. Receive data signals (4-bit parallel nibbles) are driven synchronously
to RX_CLK0.
45
44
43
42
RXD1_0
RXD1_1
RXD1_2
RXD1_3
O
Receive Data - Port 1. Receive data signals (4-bit parallel nibbles) are driven synchronously
to RX_CLK1.
64
63
62
61
RXD2_0
RXD2_1
RXD2_2
RXD2_3
O
Receive Data - Port 2. Receive data signals (4-bit parallel nibbles) are driven synchronously
to RX_CLK2.
82
81
80
79
RXD3_0
RXD3_1
RXD3_2
RXD3_3
O
Receive Data - Port 3. Receive data signals (4-bit parallel nibbles) are driven synchronously
to RX_CLK3.
1. Type Column Coding: I = Input, O = Output, OD = Open Drain
2. The LXT974/975 supports the 802.3 MDIO register set. Specific bits in the registers are referenced using an “X.Y” notation,
where X is the register number (0-6 or 16-20) and Y is the bit number (0-15).
3. Unused pins should be tied Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com