Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT975B Datasheet(PDF) 48 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 48 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 44Page - Intel Corporation LXT975B Datasheet HTML 45Page - Intel Corporation LXT975B Datasheet HTML 46Page - Intel Corporation LXT975B Datasheet HTML 47Page - Intel Corporation LXT975B Datasheet HTML 48Page - Intel Corporation LXT975B Datasheet HTML 49Page - Intel Corporation LXT975B Datasheet HTML 50Page - Intel Corporation LXT975B Datasheet HTML 51Page - Intel Corporation LXT975B Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers
48
Datasheet
Figure 24. Typical Fiber Interface
FIBONn
191
Ω
FIBOPn
FIBINn
FIBIPn
191
Ω
69
Ω
69
Ω
Fiber
Txcvr
0.1
mF
130
Ω
130
Ω
80
Ω
80
Ω
+5 V
0.1
mF
TD
TD
RD
RD
0.01
µF
0.01
µF
GNDA
GNDA
VCCR
VCCT +5 V
1
SD/TPn
LXT974/975
SD
80
Ω
130
Ω
GNDA
+5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com