Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT975B Datasheet(PDF) 18 Page - Intel Corporation

Part # LXT975B
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975B Datasheet(HTML) 18 Page - Intel Corporation

Back Button LXT975B Datasheet HTML 14Page - Intel Corporation LXT975B Datasheet HTML 15Page - Intel Corporation LXT975B Datasheet HTML 16Page - Intel Corporation LXT975B Datasheet HTML 17Page - Intel Corporation LXT975B Datasheet HTML 18Page - Intel Corporation LXT975B Datasheet HTML 19Page - Intel Corporation LXT975B Datasheet HTML 20Page - Intel Corporation LXT975B Datasheet HTML 21Page - Intel Corporation LXT975B Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 74 page
background image
LXT974/LXT975 — Fast Ethernet 10/100 Quad Transceivers
18
Datasheet
Table 11. LXT974 Power Supply Signal Descriptions
Pin#
Symbol
Type
Signal Description
22, 60, 96
VCC
-
Power Supply. +5V supply for all digital circuits.
40, 78
VCCMII
-
MII Supply. +3.3V or +5V supply for MII. A decoupling capacitor
to digital ground should be supplied for these pins.
7, 14, 39, 56, 59, 77, 95, 160
GND
-
Digital Ground. Ground return for digital supply.
21
GNDA
-
Analog Ground. Ground return for analog supply.
108
GNDH
-
Ground. Ground return for core analog circuitry.
107
VCCH
-
Supply. +5V supply for core analog circuitry.
128, 137, 147, 156
VCCT
-
Transmit Power Supply. +5V supply for transmit circuits.
127, 136, 146, 155
GNDT
-
Transmit Ground. Ground return for transmit supply.
125, 134, 144, 153,
VCCR
-
Receive Power Supply. +5V supply for all receive circuits.
121, 122, 131, 141, 150
GNDR
-
Receive Ground. Ground return for receive supply.
Table 12. LXT975 Power Supply Signal Descriptions
Pin#
Symbol
Type
Signal Description
22, 60, 96
VCC
-
Power Supply. +5V supply for all digital circuits.
40, 78
VCCMII
-
MII Supply. +3.3V or +5V supply for MII. A decoupling capacitor
to digital ground should be supplied for these pins.
7, 14, 39, 56, 59, 77, 95, 160
GND
-
Digital Ground. Ground return for digital supply.
21
GNDA
-
Analog Ground. Ground return for analog supply.
108
GNDH
-
Ground. Ground return for core analog circuitry.
107
VCCH
-
Supply. +5V supply for core analog circuitry.
128, 135, 147, 154
VCCT
-
Transmit Power Supply. +5V supply for transmit circuits.
127, 134, 146, 153
GNDT
-
Transmit Ground. Ground return for transmit supply.
125, 132, 144, 151,
VCCR
-
Receive Power Supply. +5V supply for all receive circuits.
121, 122, 131, 137, 141, 150, 156
GNDR
-
Receive Ground. Ground return for receive supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com