Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004FD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA56004FD
Description  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004FD Datasheet(HTML) 5 Page - NXP Semiconductors

  SA56004FD Datasheet HTML 1Page - NXP Semiconductors SA56004FD Datasheet HTML 2Page - NXP Semiconductors SA56004FD Datasheet HTML 3Page - NXP Semiconductors SA56004FD Datasheet HTML 4Page - NXP Semiconductors SA56004FD Datasheet HTML 5Page - NXP Semiconductors SA56004FD Datasheet HTML 6Page - NXP Semiconductors SA56004FD Datasheet HTML 7Page - NXP Semiconductors SA56004FD Datasheet HTML 8Page - NXP Semiconductors SA56004FD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
5
ELECTRICAL CHARACTERISTICS
Tamb = 0 °C to +125 °C, VDD = 3.0 V to 3.6 V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
TERRL
Local temperature error
Tamb = 60 °C to +100 °C
–2
±1
+2
°C
Tamb = 0 °C to +125 °C
–3
–
+3
°C
TERRR
Remote temperature error
Tamb = +25 °C to +85 °C; TRD = +60 °C to +100 °C
–1
–
+1
°C
Tamb = 0 °C to +85 °C; TRD = 0 °C to +125 °C
–3
–
+3
°C
TRESR
Remote temperature resolution
–
11
–
bits
–
0.125
–
°C
TRESL
Local temperature resolution
–
11
–
bits
–
0.125
–
°C
tCONV
Conversion time
–
38
–
ms
VDD
Supply voltage1
3.0
–
5.5
V
IDD
Quiescent current
During conversion, 16 Hz conversion rate
–
500
–
µA
Shutdown current
SMBus inactive
–
10
–
µA
IRD
Remote diode source current
High setting: D+ – D– = +0.65 V
–
160
–
µA
Low setting
–
10
–
µA
UVL
Undervoltage lockout (UVL)
threshold voltage2
VDD input disables A/D conversion3
2.6
–
2.95
V
Power-on-Reset (POR) threshold
voltage
VDD, input falling edge4
1.8
–
2.4
V
Local and Remote ALERT HIGH
default temperature settings
Default values set at power-up
–
+70
–
°C
Local and Remote ALERT LOW
default temperature settings
Default values set at power-up
–
0
–
°C
Local and Remote T_CRIT
default temperature settings
Default values set at power-up
–
+85
–
°C
Hystersis (T_CRIT)
Default value set at power-up
–
+10
–
°C
ALERT and T_CRIT output
saturation voltage
IOUT = 6.0 mA
–
–
0.4
V
NOTES:
1. The SA56004X is optimized for 3.3 VDD operation.
2. Definition of Under Voltage Lockout (UVL): The value of VDD below which the internal A/D converter is disabled. This is designed to be a
minimum of 200 mV above the power-on-reset. During the time that it is disabled, the temperature that is in the “read temperature registers”
will remain at the value that it was before the A/D was disabled. This is done to eliminate the possibility of reading unexpected false
temperatures due to the A/D converter not working correctly due to low voltage. In case of power-up (rising VDD), the reading that is stored
in the “read temperature registers” will be the default value of 0
°C. VDD will rise to the value of the UVL, at which point the A/D will function
correctly and the normal temperature will be read.
3. VDD (rising edge) voltage below which the A/D converter is disabled.
4. VDD (falling edge) voltage below which the logic is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com