Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004FD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA56004FD
Description  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004FD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA56004FD Datasheet HTML 3Page - NXP Semiconductors SA56004FD Datasheet HTML 4Page - NXP Semiconductors SA56004FD Datasheet HTML 5Page - NXP Semiconductors SA56004FD Datasheet HTML 6Page - NXP Semiconductors SA56004FD Datasheet HTML 7Page - NXP Semiconductors SA56004FD Datasheet HTML 8Page - NXP Semiconductors SA56004FD Datasheet HTML 9Page - NXP Semiconductors SA56004FD Datasheet HTML 10Page - NXP Semiconductors SA56004FD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
7
PERFORMANCE CURVES
SL02164
TEMPERATURE (
°C)
–50
0
25
50
100
125
0
75
–25
4
8
12
16
20
VDD = 3.6 V
VDD = 3.3 V
VDD = 5.5 V
VDD = 3.0 V
Figure 4. Typical IDD shutdown versus
temperature and VDD
SL02157
TEMPERATURE (
°C)
–50
0
25
50
100
125
100
75
–25
150
200
250
300
400
VCC = 3.6 V
VCC = 3.3 V
VCC = 5.5 V
VCC = 3.0 V
350
Figure 5. Typical IDD quiescent current versus
temperature and VDD (conversion rate = 0.06 Hz)
SL02158
TEMPERATURE (
°C)
–50
0
25
50
100
125
200
75
–25
300
400
500
600
700
VDD = 3.6 V
VDD = 3.3 V
VDD = 5.5 V
VDD = 3.0 V
Figure 6. Typical IDD quiescent current versus
temperature and VDD (conversion rate = 16 Hz)
SL02159
TEMPERATURE (
°C)
–50
0
25
50
100
125
100
75
–25
200
300
400
500
8.0 Hz
4.0 Hz
16 Hz
2.0 Hz
1.0 Hz
0.25 Hz
0.5 Hz
0.12 Hz
0.06 Hz
Figure 7. Typical IDD quiescent current versus
temperature and conversion rate (VDD = 3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com