Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004FD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA56004FD
Description  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004FD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA56004FD Datasheet HTML 4Page - NXP Semiconductors SA56004FD Datasheet HTML 5Page - NXP Semiconductors SA56004FD Datasheet HTML 6Page - NXP Semiconductors SA56004FD Datasheet HTML 7Page - NXP Semiconductors SA56004FD Datasheet HTML 8Page - NXP Semiconductors SA56004FD Datasheet HTML 9Page - NXP Semiconductors SA56004FD Datasheet HTML 10Page - NXP Semiconductors SA56004FD Datasheet HTML 11Page - NXP Semiconductors SA56004FD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
8
SL02160
TEMPERATURE (
°C)
–50
0
25
50
100
125
2
75
–25
4
6
8
10
14
VCC = 3.6 V
VCC = 3.3 V
VCC = 5.5 V
VCC = 3.0 V
12
Figure 8. Typical T_CRIT IOL versus temperature and VDD
(VOL = 0.4 V)
SL02161
TEMPERATURE (
°C)
–50
0
25
50
100
125
4
75
–25
5
6
7
8
10
VCC = 3.6 V
VCC = 3.3 V
VCC = 5.5 V
VCC = 3.0 V
9
Figure 9. Typical ALERT IOL versus temperature and VDD
(VOL = 0.4 V)
SL02162
TEMPERATURE (
°C)
–50
0
25
50
100
125
2.70
75
–25
2.71
2.72
2.73
2.74
2.80
2.75
VCC = 3.3 V
VCC = 3.6 V
VCC = 5.5 V
VCC = 3.0 V
2.76
2.77
2.78
2.79
Figure 10. Typical UVL versus temperature and VDD
SL02163
TEMPERATURE (
°C)
–50
0
25
50
100
125
1.0
75
–25
1.2
1.4
1.6
1.8
2.6
2.2
2.0
2.4
Figure 11. Typical POR versus temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com