Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004FDP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA56004FDP
Description  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004FDP Datasheet(HTML) 4 Page - NXP Semiconductors

  SA56004FDP Datasheet HTML 1Page - NXP Semiconductors SA56004FDP Datasheet HTML 2Page - NXP Semiconductors SA56004FDP Datasheet HTML 3Page - NXP Semiconductors SA56004FDP Datasheet HTML 4Page - NXP Semiconductors SA56004FDP Datasheet HTML 5Page - NXP Semiconductors SA56004FDP Datasheet HTML 6Page - NXP Semiconductors SA56004FDP Datasheet HTML 7Page - NXP Semiconductors SA56004FDP Datasheet HTML 8Page - NXP Semiconductors SA56004FDP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
4
PIN CONFIGURATION
SO8 and TSSOP8
SL02014
1
2
3
4
8
7
6
5
TOP VIEW
VDD
D+
D–
T_CRIT
SCLK
SDATA
ALERT
GND
SA56004X
Figure 2. Pin configuration.
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
VDD
Positive supply voltage. DC voltage from 3.0 V
to 5.5 V.
2
D+
Diode current source (anode).
3
D–
Diode sink current (cathode).
4
T_CRIT
T_CRIT alarm is open drain, active-LOW output
which requires an external pull-up resistor. It
functions as a system interrupt or power
shutdown.
5
GND
Power supply ground.
6
ALERT
ALERT alarm is an open drain, active-LOW
output which requires an external pull-up resistor.
It functions as an interrupt indicating that the
temperature of the on-chip or remote diode is
above or below programmed over temperature
or under temperature thresholds.
7
SDATA
SMBus/I2C-bus bi-directional data line. This is
an open drain output which requires an external
pull-up resistor.
8
SCLK
SMBus/I2C-bus clock input which requires an
external pull-up resistor.
MAXIMUM RATINGS
All voltages are referenced to GND.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
Supply voltage
–0.3
+6
V
Voltage at SDATA, SCLK, ALERT, T_CRIT
–0.3
+6
V
VD+
Voltage at Positive diode input
–0.3
VDD + 0.3
V
VD–
Voltage at Negative diode input
–0.3
+0.8
V
Sink current at SDATA, SCLK, ALERT, T_CRIT
–1
50
mA
ID+
D+ input current
–1
1
mA
PD
Power dissipation
SO8 package (derate 5.9 mW/
°C above Tamb = 70 °C)
–
471
mW
TSSOP8 package (derate 8.3 mW/
°C above Tamb = 70 °C)
–
664
mW
Vesd
ESD
Human Body Model (Note 1)
–
2000
V
Machine Model (Note 1)
–
200
V
Tj(max)
Maximum junction temperature
–
+150
°C
Tstg
Storage temperature range
–65
+165
°C
NOTES:
1. The D+ and D– pins are 1000 V HBM and 100 V MM due to the higher sensitivity of the analog pins that introduces a limitation to the circuit
protection structure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com