Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004FDP Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SA56004FDP
Description  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004FDP Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SA56004FDP Datasheet HTML 15Page - NXP Semiconductors SA56004FDP Datasheet HTML 16Page - NXP Semiconductors SA56004FDP Datasheet HTML 17Page - NXP Semiconductors SA56004FDP Datasheet HTML 18Page - NXP Semiconductors SA56004FDP Datasheet HTML 19Page - NXP Semiconductors SA56004FDP Datasheet HTML 20Page - NXP Semiconductors SA56004FDP Datasheet HTML 21Page - NXP Semiconductors SA56004FDP Datasheet HTML 22Page - NXP Semiconductors SA56004FDP Datasheet HTML 23Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
19
Printed Circuit Board layout considerations
Care must be taken in PCB layout to minimize noise induced at the
remote temperature sensor inputs, especially in extremely noisy
environments, such as a computer motherboard. Noise induced in
the traces running between the device sensor inputs and the remote
diode can cause temperature conversion errors. Typical sensor
signal levels to the SA56004X is a few microvolts. The following
guidelines are recommended:
1. Place the SA56004X as close as possible to the remote sensor.
It can be from 4 to 8 inches, as long as the worst noise sources
such as clock generator, data and address buses, CRTs are
avoided.
2. Route the D+ and D– lines parallel and close together with
ground guards enclosing them (see ‘Ideal diode trace layout’,
Figure 18).
3. Leakage currents due to PC board contamination must be
considered. Error can be introduced by these leakage currents.
4. Use wide traces to reduce inductance and noise pickup. Narrow
traces more readily pickup noise. The minimum width of 10 mil
and space of 10 mil are recommended.
5. Place a bypass capacitor of 10 nF close to the VDD pin and an
input filter capacitor of 2200 pF close to the D+ and D– pins.
6. A shielded twisted pair is recommended if remote sensor is
located several feet away from the temperature sensor. Under
this circumstance, connect the shield of the cable at the device
side to the SA56004X GND pin and leave the shield at the
remote end unconnected to avoid ground loop currents. Also
notice that the series resistance of the cable may introduce
measurement error; 1
Ω can introduce about 0.5 °C.
GND
D+
D–
GND
SL02017
Figure 18. D+ and D– trace layout.
PACKING METHOD
The SA56004X is packed in reels, as shown in Figure 19.
SL01305
TAPE DETAIL
COVER TAPE
CARRIER TAPE
REEL
ASSEMBLY
TAPE
GUARD
BAND
BARCODE
LABEL
BOX
Figure 19. Tape and reel packing method



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com