Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004FDP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA56004FDP
Description  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004FDP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA56004FDP Datasheet HTML 2Page - NXP Semiconductors SA56004FDP Datasheet HTML 3Page - NXP Semiconductors SA56004FDP Datasheet HTML 4Page - NXP Semiconductors SA56004FDP Datasheet HTML 5Page - NXP Semiconductors SA56004FDP Datasheet HTML 6Page - NXP Semiconductors SA56004FDP Datasheet HTML 7Page - NXP Semiconductors SA56004FDP Datasheet HTML 8Page - NXP Semiconductors SA56004FDP Datasheet HTML 9Page - NXP Semiconductors SA56004FDP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
6
SMBus INTERFACE AC ELECTRICAL CHARACTERISTICS
VDD = 3.0 V to 3.6 V; Tamb = 0 °C to +125 °C; unless otherwise noted.
These specifications are guaranteed by design and not tested in production.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIH
Logic input HIGH voltage for SCLK, SDATA
VDD = 2.7 V to 5.5 V
2.2
–
–
V
VIL
Logic input LOW voltage for SCLK, SDATA
VDD = 2.7 V to 5.5 V
–
–
0.8
V
IOL
Logic output LOW sink current
ALERT, T_CRIT; VOL = 0.4 V
1.0
–
–
mA
SDATA; VOL = 0.6 V
6.0
–
–
mA
IOH
Logic output high leakage current
VOH = VDD
–
–
1.0
µA
IIH, IIL
Logic input currents
VIN = VDD or GND
–1.0
–
1.0
µA
Ci
SMBus input capacitance for SCLK, SDATA
–
5
–
pF
SMBus digital switching characteristics
The switching characteristics of the SA56004X fully meet or exceed all parameters specified in SMBus version 2.0. The following parameters
specify the timing between the SCLK and SDATA signals in the SA56004X. They adhere to, but are not necessarily specified as the SMBus
specifications.
fSCLK
SCLK operating frequency
–
–
400
kHz
tLOW
SCLK LOW time
10% to 10%
4.7
5.0
–
µs
tHIGH
SCLK HIGH time
90% to 90%
4.0
5.0
–
µs
tBUF
SMBus free time.
Delay from SDATA stop to SDATA start
4.7
–
–
µs
tHD:STA
Hold time of start condition.
Delay from SDATA start to first SCLK H-L
10% of SDATA to 90% of SCLK
4.0
–
–
µs
tHD:DAT
Hold time of data.
Delay from SCLK H-L to SDATA edges
–
300
–
ns
tSU:DAT
Set-up time of data in.
Delay from SDATA edges to SCLK L-H
250
–
–
ns
tSU:STA
Set-up time of repeat start condition.
Delay from SCLK L-H to restart SDATA
90% to to 90%
250
–
–
ns
tSU:STO
Set-up time of stop condition.
Delay from SCLK H-L to SDATA stop
90% of SCLK to 90% of SDATA
4.0
–
–
µs
tR
Rise time of SCLK and SDATA
–
–
1
µs
tF
Fall time of SCLK and SDATA
–
–
300
ns
tOF
Output fall time
CL = 400 pF; IO = 3 mA
–
–
250
ns
tTIMEOUT
SMBus TIMEOUT.
Low period for reset of SMBus
25
–
35
ms
tBUF
P
S
SCLK
SDATA
SL01204
tHD:STA
SP
tLOW
tR
tF
tHD:STA
tHD:DAT
tHIGH
tSU:DAT
tSU:STA
tSU:STO
Figure 3. Timing measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com