Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8151 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC8151
Description  2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8151 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC8151 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
12/1/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8151
2.488Gb/s SONET/SDH
STS-48/STM-16 Section Terminator
G52225-0, Rev. 2.9
9.
DD
Disable descrambling
0
=
Normal Operation
1
=
Disable descrambling of incoming data
10. DS
Disable scrambling
0
=
Normal Operation
1
=
Disable scrambling of outgoing data
11. NS
Non-SONET: Allows device to pass non-SONET data such as Gigabit Ethernet. NOTE: If
non-SONET data is being transmitted, Frame Detect must be disabled. (When NS=”1”, set
FRD1=”1” and FRD0=”0”).
0
=
SONET data transmitted
1
=
non-SONET data transmitted
12. FWAx
Forced write of A1/A2 boundary. FWAx = “1” forces all A1 and A2 to be re-written (as
described in the A1/A2 boundary refresh section)
0
=
Normal Operation
1
=
Forced re-write of A1/A2
13. MXC[1:0]
VSC8151 CMU reference generator output clock selection (see Figure 3)
MXC1
MXC0
CKREFP/N, CKREFT Reference Generator Outputs
0
0
CMU Ref Gen Outputs = Referenced from RXSCLKIN/32 (Transport Mode)
0
1
CMU Ref Gen Outputs = Referenced from external 77MHz PECL AIS Refclk (I_RCAIS)
1
0
CMU Ref Gen Outputs = Referenced from external 155MHz PECL AIS Refclk (I_RCAIS )
1
1
CMU Ref Gen Outputs = Based off external TTL AIS Refclk (I_RCVCO) 77MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com