Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8151 Datasheet(PDF) 22 Page - Vitesse Semiconductor Corporation

Part # VSC8151
Description  2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8151 Datasheet(HTML) 22 Page - Vitesse Semiconductor Corporation

Back Button VSC8151 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 26Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8151
2.488Gb/s SONET/SDH
STS-48/STM-16 Section Terminator
Page 22
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
12/1/99
G52225-0, Rev. 2.9
Package Pin Descriptions
Table 20: Pin Identification
Signal
Pin
I/O
Level
Pin Description
VREF
1
PWR
+1.98V
PECL Input reference. No connect if RXPIN[15:0] is not used.
VCC
2
PWR
+3.3V
VEE
3
PWR
GND
VMM
4
PWR
+2.0V
NC
5
—
—
Leave Unconnected
CKREFP
6
Ο
PECL
Output Clock for external AIS CMU (true)
CKREFN
7
Ο
PECL
Output Clock for external AIS CMU (complement)
VTERM
(RXSCLKIN)
8
Ι
0 -> 3.3V
High Speed Clock Input Termination Voltage (Demux)
VCC
9
PWR
+3.3V
VCC
10
PWR
+3.3V
VEE
11
PWR
GND
VEE
12
PWR
GND
VCC
13
PWR
+3.3V
TXSOUT -
14
O
HSECL
Serial Data Output, complement
VCC
15
PWR
+3.3V
2.5Gb/s PECL Output Driver Supply Pin
TXSOUT +
16
O
HSECL
Serial Data Output, true
DOPWR
17
Ι
GND /
+3.3V
Serial data output power down (tie to VCC to power down, GND
otherwise)
VCC
18
PWR
+3.3V
2.5Gb/s PECL Output Driver Supply Pin
TXSCLKOUT-
19
Ο
HSECL
Serial Clock Output, complement
TXSCLKOUT+
20
Ο
HSECL
Serial Clock Output, true
VCC
21
PWR
+3.3V
CLKOPWR
22
Ι
GND /
+3.3V
Serial clock output power down (tie to VCC to power down, GND
otherwise)
VCC
23
PWR
+3.3V
2.5Gb/s PECL Output Driver Supply Pin
RXSCLKIN +
24
I
HSECL
Serial Clock Input for Demux, true
RXSCLKIN -
25
I
HSECL
Serial Clock Input For Demux, complement
VEE
26
PWR
GND
TXSCLKIN-
27
—
—
Serial Clock Input for Mux, complement
TXSCLKIN+
28
—
—
Serial Clock Input for Mux, true
RXSIN +
29
I
HSECL
Serial Data Input, true
RXSIN -
30
I
HSECL
Serial Data Input, complement
VTERM
(TXSCLKIN)
31
Ι
0 -> 3.3V
High Speed Clock Input Termination Voltage (for Mux)
VTERM
(RXSIN)
32
Ι
0 -> 3.3V
High Speed Data Input Termination Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com