Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8151 Datasheet(PDF) 21 Page - Vitesse Semiconductor Corporation

Part # VSC8151
Description  2.488Gb/s SONET/SDH STS-48/STM-16 Section Terminator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8151 Datasheet(HTML) 21 Page - Vitesse Semiconductor Corporation

Back Button VSC8151 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC8151 Datasheet HTML 25Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 21
12/1/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8151
2.488Gb/s SONET/SDH
STS-48/STM-16 Section Terminator
G52225-0, Rev. 2.9
Absolute Maximum Ratings
Power Supply Voltage (VCC) Potential to GND ............................................................................-0.5 V to +4.3 V
Power Supply Voltage (VMM) Potential to GND ...........................................................................-0.5 V to +3.0 V
TTL Input Voltage Applied ..........................................................................................................-0.5 V to + 5.5V
ECL Input Voltage Applied ...................................................................................................+0.5 V to VTT -0.5 V
Output Current (IOUT)................................................................................................................................... 50 mA
Case Temperature Under Bias (TC) ................................................................................................-55
o to + 125oC
Storage Temperature (TSTG) ...........................................................................................................-65
o to + 150oC
Note: Caution: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing per-
manent damage. Functionality at or exceeding the values listed is not implied. Exposure to these values for extended
periods may affect device reliability.
Recommended Operating Conditions
Power Supply Voltages (VCC)...............................................................................................................+3.3V ±5 %
Power Supply Voltages (VMM)..............................................................................................................+2.0V ±5 %
Commercial Operating Temperature Range* (T).................................................................................. 0o to 85oC
Notes: (1)Lower limit of specification is ambient temperature and upper limit is case temperature.
(2)Customer must use air cooled/heatsink environment to meet thermal requirements of the package.
(3)Suggested power up of 8151 is +2.0V supply first, then +3.3V supply.
ESD Ratings
Proper ESD procedures should be used when handling this product. The VSC8151 is rated to the following
ESD voltages based on the human body model:
1. All pins are rated at or above 1500V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com