Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DA608 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 3DA608
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

3DA608 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  3DA608 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 3DA608 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistor
3DA608
DESCRIPTION
·
High DC Current Gain-
: hFE: 20-180@IC= 7.5A
·
Excellent Safe Operating Area
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for use as an output device in complementary
audio amplifiers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
3DA608A
40
V
3DA608B
60
3DA608C
90
3DA608D
110
3DA608E
160
3DA608F
230
VCEO
Collector-Emitter Voltage
3DA608A
30
V
3DA608B
50
3DA608C
80
3DA608D
100
3DA608E
150
3DA608F
200
VEBO
Emitter-Base Voltage
4
V
ICM
Pulsed Collector Current
10
A
PC
Collector Power Dissipation@TC=25℃
100
W
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55-175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.5
℃
/W


Similar Part No. - 3DA608

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
3DA100 ISC-3DA100 Datasheet
292Kb / 2P
isc Silicon NPN Power Transistor
logo
List of Unclassifed Man...
3DA2688 ETC-3DA2688 Datasheet
202Kb / 2P
SILICON NPN TRANSISTOR
logo
Inchange Semiconductor ...
3DA27C ISC-3DA27C Datasheet
269Kb / 2P
isc Silicon NPN Power Transistor
logo
List of Unclassifed Man...
3DA4793 ETC1-3DA4793 Datasheet
192Kb / 2P
TO-220F Plastic-Encapsulate Transistors
logo
Foshan Blue Rocket Elec...
3DA4793 FOSHAN-3DA4793 Datasheet
1,015Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
More results

Similar Description - 3DA608

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com