Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1534 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FAC1534
Description  2A 380KHz 20V PWM Buck DC/DC Converte
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1534 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FAC1534 Datasheet HTML 1Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 2Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 3Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 4Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Absolute Maximum Ratings
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the operation is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
ti
n
U
e
u
l
a
V
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
V
t
u
p
n
I
IN
-0.3 to 20
V
V
e
g
a
tl
o
V
n
i
P
k
c
a
b
d
e
e
F
FB
-0.3 to Vin
V
V
e
g
a
tl
o
V
n
i
P
e
l
b
a
n
E
EN
-0.3 to 12
V
V
e
g
a
tl
o
V
n
i
P
h
c
ti
w
S
SW
-0.3 to Vin
V
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
D
Internally limited
mW
T
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
J
150
ºC
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
-65 to 150
ºC
T
)
c
e
s
0
1
,
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
L
LEAD
260
ºC
V
0
0
0
2
)
M
B
H
(
D
S
E
3
l
e
v
e
L
L
S
M
Thermal Resistance-Junction to Ambient
RθJA
85
ºC / W
Thermal Resistance-Junction to Case
RθJC
45
ºC / W
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
V
e
g
a
tl
o
V
t
u
p
n
I
IN
3.6
20
V
T
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
J
-40
125
ºC
T
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
O
A
-40
85
ºC
FAC1534
2015.06. 17
4/15
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com