Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1534 Datasheet(PDF) 13 Page - First Silicon Co., Ltd

Part # FAC1534
Description  2A 380KHz 20V PWM Buck DC/DC Converte
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1534 Datasheet(HTML) 13 Page - First Silicon Co., Ltd

Back Button FAC1534 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 9Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 10Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 11Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 12Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 13Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 14Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 15Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Function Description(Cont.)
the inductor ripple current, and RESR is the equivalent
series resistance of the output capacitors.
Output Recti�ier Diode
The output rectifier diode supplies the current to the
inductor when the high-side switch is off. To reduce
losses due to the diode forward voltage and recovery
times, use a Schottky rectifier.
Table 1 provides the Schottky rectifier part numbers
based on the maximum input voltage and current rating.
Choose a rectifier who’s maximum reverse voltage rating
is greater than the maximum input voltage, and who’s
current rating is greater than the maximum load current.
Feedforward Capacitor (CFF)
For output voltages greater than approximately 8V, an
additional capacitor is required. The compensation
capacitor is typically between 100 pF and 33 nF, and is
wired in parallel with the output voltage setting resistor,
R1. It provides additional stability for high output
voltages, low input-output voltages, and/or very low ESR
output capacitors, such as solid tantalum capacitors.
This capacitor type can be ceramic, plastic, silver mica,
etc.(Because of the unstable characteristics of ceramic
capacitors made with Z5U material, they are not
recommended.)
Note:In PCB layout. Reserved an area for CFF.
Over Current Protection (OCP)
The cycle by cycle current limit threshold is set between
3A and 4A. When the load current reaches the current
limit threshold, the cycle by cycle current limit circuit
turns off the high side switch immediately to terminate
the current duty cycle. The inductor current stops rising.
The cycle by cycle current limit protection directly limits
inductor peak current. The average inductor current is
also limited due to the limitation on peak inductor current.
When the cycle by cycle current limit circuit is triggered,
the output voltage drops as the duty cycle is decreasing.
Thermal Management and Layout
Consideration
In the FAC1534 buck regulator circuit, high pulsing current
flows through two circuit loops. The first loop starts from
the input capacitors, to the VIN pin, to the VOUT pins, to
the filter inductor, to the output capacitor and load, and
then returns to the input capacitor through ground.
Current flows in the first loop when the high side switch is
on. The second loop starts from the inductor, to the
output capacitors and load, to the GND pin of the
FAC1534, and to the VOUT pins of the FAC1534. Current
flows in the second loop when the low side diode is on.
In PCB layout, minimizing the two loops area reduces the
noise of this circuit and improves efficiency. A ground
plane is recommended to connect input capacitor, output
capacitor, and GND pin of the FAC1534.
In the FAC1534 buck regulator circuit, the two major
power dissipating components are the FAC1534 and
output inductor. The total power dissipation of converter
circuit can be measured by input power minus output
power.
Ptotal _loss
= V
IN
× I
IN
– V
O
× I
O
The power dissipation of inductor can be approximately
calculated by output current and DCR of inductor.
Pinductor _loss
= I
O
2 × R
inductor
× 1.1
The junction to ambient temperature can be got from
power dissipation in the FAC1534 and thermal impedance
from junction to ambient.
FAC1513
2015.06. 17
13/15
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com