Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1534 Datasheet(PDF) 11 Page - First Silicon Co., Ltd

Part # FAC1534
Description  2A 380KHz 20V PWM Buck DC/DC Converte
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1534 Datasheet(HTML) 11 Page - First Silicon Co., Ltd

Back Button FAC1534 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 9Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 10Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 11Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 12Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 13Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 14Page - First Silicon Co., Ltd FAC1534 Datasheet HTML 15Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Function Description
Pin Functions
VIN
This is the positive input supply for the IC switching
regulator. A suitable input bypass capacitor must be
present at this pin to minimize voltage transients and to
supply the switching currents needed by the regulator
Gnd
Circuit ground.
SW
Internal switch. The voltage at this pin switches between
(VIN – VSAT) and approximately – 0.5V, with a duty cycle
of approximately VOUT / VIN. To minimize coupling to
sensitive circuitry, the PC board copper area connected
to this pin should be kept a minimum.
FB
Senses the regulated output voltage to complete the
feedback loop.
EN
Allows the switching regulator circuit to be shutdown
using logic level signals thus dropping the total input
supply current to approximately 30uA. Pulling this pin
below a threshold voltage of approximately 0.7 V turns
the regulator down, and pulling this pin above 1.3V
(up
to a maximum of 12V) shuts the regulator on. For
automatic starup condition , can be implemented by the
addition of a resistive voltage divider from VIN to GND.
Thermal Considerations
The FAC1534 is available in SOP-8 package.
The SOP8 package needs a heat sink under most
conditions. The size of the heat sink depends on the
input voltage, the output voltage, the load current and the
ambient temperature.The FAC1534 junction temperature
rises above ambient temperature for a 2A load and
different input and output voltages. The data for these
curves was taken with the FAC1534(SOP8 package)
operating as a buck-switching regulator in an ambient
temperature of 25oC (still air). These temperature rise
numbers are all approximate and there are many factors
that can affect these temperatures. Higher ambient
temperatures require more heat sinking.
For the best thermal performance, wide copper traces
and generous amounts of printed circuit board copper
should be used in the board layout. (Once exception to
this is the output (switch) pin, which should not have
large areas of copper.) Large areas of copper provide the
best transfer of
heat (lower thermal resistance) to the surrounding
air, and moving air lowers the thermal resistance
even further.
Package thermal resistance and junction temperature
rise numbers are all approximate, and there are many
factors that will affect these numbers. Some of these
factors include board size, shape, thickness, position,
location, and even board temperature. Other factors are,
trace width, total printed circuit copper area, copper
thickness, single or double-sided, multi-layer board and
the amount of solder on the board.
The effectiveness of the PC board to dissipate heat also
depends on the size, quantity and spacing of other
components on the board, as well as whether the
surrounding air is still or moving. Furthermore, some of
these components such as the catch diode will add heat
to the PC board and the heat can vary as the input
voltage changes. For the inductor, depending on the
physical size, type of core material and the DC
resistance, it could either act as a heat sink taking heat
away from the board, or it could add heat to the board.
Setting the Output Voltage
The output voltage is set using a resistive
voltage divider from the output voltage to FB. The
voltage divider divides the
FAC1534
2015.06. 17
11/15
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com