Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC5754 Datasheet(PDF) 13 Page - First Silicon Co., Ltd

Part # FC5754
Description  Standalone Linear Li-Ion Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC5754 Datasheet(HTML) 13 Page - First Silicon Co., Ltd

Back Button FC5754 Datasheet HTML 9Page - First Silicon Co., Ltd FC5754 Datasheet HTML 10Page - First Silicon Co., Ltd FC5754 Datasheet HTML 11Page - First Silicon Co., Ltd FC5754 Datasheet HTML 12Page - First Silicon Co., Ltd FC5754 Datasheet HTML 13Page - First Silicon Co., Ltd FC5754 Datasheet HTML 14Page - First Silicon Co., Ltd FC5754 Datasheet HTML 15Page - First Silicon Co., Ltd FC5754 Datasheet HTML 16Page - First Silicon Co., Ltd FC5754 Datasheet HTML 17Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
FC5754
2014. 11. 04
13/19
Revision No : 0
Typical Performance Characteristics
Unless otherwise specified, VIN = 5V, TA = 25°C.
Charge Current vs. Battery Voltage
0
200
400
600
800
1000
1200
2.1
2.4
2.7
3 0
3.3
3 6
3.9
4.2
4 5
VBAT (V)
SOT-23-5
E-SOP-8L
VIN=5V
RPROG=910KΩ
Thermal Regulation
Charger Current vs. Input Voltage
0
200
400
600
800
1000
1200
4.0
4.3
4 6
4.9
5 2
5.5
VIN (V)
SOT-23-5
E-SOP-8L
VBAT=4V
RPROG=910KΩ
Thermal Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com