Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC5754 Datasheet(PDF) 17 Page - First Silicon Co., Ltd

Part # FC5754
Description  Standalone Linear Li-Ion Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC5754 Datasheet(HTML) 17 Page - First Silicon Co., Ltd

Back Button FC5754 Datasheet HTML 11Page - First Silicon Co., Ltd FC5754 Datasheet HTML 12Page - First Silicon Co., Ltd FC5754 Datasheet HTML 13Page - First Silicon Co., Ltd FC5754 Datasheet HTML 14Page - First Silicon Co., Ltd FC5754 Datasheet HTML 15Page - First Silicon Co., Ltd FC5754 Datasheet HTML 16Page - First Silicon Co., Ltd FC5754 Datasheet HTML 17Page - First Silicon Co., Ltd FC5754 Datasheet HTML 18Page - First Silicon Co., Ltd FC5754 Datasheet HTML 19Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
FC5754
2014. 11. 04
17/19
Revision No : 0
CHGB Status Output Pin
The CHGB pin can provide an indication that the input
voltage is greater than the undervoltage lockout
threshold level. A weak pull-down current
approximately 24 A indicates that sufficient voltag
applied to VIN to begin charging. When a discharged
battery is connected to the charger, the constant
current portion of the charge cycle begins and the
CHGB pin pulls to ground. The CHGB pin can sink up to
10mA to drive an LED that indicates that a charge cycle
is in progress.
When the battery is nearing full charge, the charger
enters the constant-voltage portion of the charge cycle
and the charge current begins to drop. When the
charge current drops below 1/10 of the programmed
current, the charge cycle ends and the strong
pull-down is replaced by the 24uA pull-down, indicating
that the charge cycle has ended. If the input voltage is
removed or drops below the undervoltage lockout
threshold, the CHGB pin becomes high impedance.
Figure 3 shows that by using two different value pull-up
resistors, a microprocessor can detect all three states
from this pin.
To detect when the FC5754 is in charge mode, force
the digital output pin (OUT) high and measure the
voltage at the CHGB pin. The internal N-channel
MOSFET will pull the pin voltage low even with the 2k
pull-up resistor. Once the charge cycle terminates, the
N-channel MOSFET is turned off and a 24υA current
source is connected to the CHGB pin. The IN pin will
then be pulled high by the 2k pull-up resistor. To
determine if there is a weak pull-down current, the OUT
pin should be forced to a high impedance state. The
weak current source will pull the IN pin low through the
800k resistor; if CHGB is high impedance, the IN pin will
be pulled high, indicating that the part is in a UVLO
state.
Reverse Polarity Input Voltage Protection
In some applications, protection from reverse polarity
voltage on VIN is desired. If the supply voltage is high
enough, a series blocking diode can be used. In other
cases, where the voltage drop must be kept low a
P-channel MOSFET can be used (as shown in Figure 4).
USB and Wall Adapter Power
The FC5754 allows charging from both a wall adapter
and a USB port. Figure 5 shows an example of how to
combine wall adapter and USB power inputs. A
P-channel MOSFET, MP1, is used to prevent back
conducting into the USB port when a wall adapter is
present and a Schottky diode, D1, is used to prevent
USB power loss through the 1k pull-down resistor.
Typically a wall adapter can supply more current than
the 500mA-limited USB port. Therefore, an N-channel
MOSFET, MN1, and an extra 10k program resistor are
used to increase the charge current to 580mA when the
wall adapter is present.
Figure 5. Combining Wall Adapter and USB Power
Figure 4. Low Loss Input Reverse Polarity Protection
Figure 3. Using a Microprocessor to Determine CHGB State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com