Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC5754 Datasheet(PDF) 16 Page - First Silicon Co., Ltd

Part # FC5754
Description  Standalone Linear Li-Ion Battery Charger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC5754 Datasheet(HTML) 16 Page - First Silicon Co., Ltd

Back Button FC5754 Datasheet HTML 11Page - First Silicon Co., Ltd FC5754 Datasheet HTML 12Page - First Silicon Co., Ltd FC5754 Datasheet HTML 13Page - First Silicon Co., Ltd FC5754 Datasheet HTML 14Page - First Silicon Co., Ltd FC5754 Datasheet HTML 15Page - First Silicon Co., Ltd FC5754 Datasheet HTML 16Page - First Silicon Co., Ltd FC5754 Datasheet HTML 17Page - First Silicon Co., Ltd FC5754 Datasheet HTML 18Page - First Silicon Co., Ltd FC5754 Datasheet HTML 19Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
FC5754
2014. 11. 04
16/19
Revision No : 0
approximate current at a given ambient temperature
can be approximated by:
JA
BAT
A
o
BAT
V
VIN
T
C
I
∗
−
−
=
)
(
120
Using the previous example with an ambient
temperature of 70oC, the charge current will be
reduced to approximately:
mA
I
A
C
C
W
C
C
C
I
BAT
o
o
o
o
o
BAT
384
/
130
50
/
100
)
7
.
3
5
(
70
120
=
=
∗
−
−
=
Moreover, when thermal feedback reduces the charge
current, the voltage at the PROG pin is also reduced
proportionally as discussed in the Operation section. It is
important to remember that FC5754 applications do
not need to be designed for worst-case thermal
conditions since the IC will automatically reduce power
dissipation when the junction temperature reaches
approximately 120oC.
Thermal Considerations
Because of the small size of the SOT package, it is very
important to use a good thermal PC board layout to
maximize the available charge current. The thermal
path for the heat generated by the IC is from the die to
the copper lead frame, through the package leads,
(especially the ground lead) to the PC board copper.
The PC board copper is the heat sink. The footprint
copper pads should be as wide as possible and expand
out to larger copper areas to spread and dissipate the
heat to the surrounding ambient. Feedthrough vias to
inner or backside copper layers are also useful in
improving the overall thermal performance of the
charger. Other heat sources on the board, not related
to the charger, must also be considered when
designing a PC board layout because they will affect
overall temperature rise and the maximum charge
current.
Increasing Thermal Regulation Current
Reducing the voltage drop across the internal MOSFET
can significantly decrease the power dissipation in the
IC. This has the effect of increasing the current delivered
to the battery during thermal regulation. One method is
by dissipating some of the power through an external
component, such as a resistor or diode.
Example: An FC5754 operating from a 5V wall
adapter is programmed to supply 1A full-scale current
to a discharged Li-Ion battery with a voltage of 3.7V.
Assuming θJA is 100oC/W, the approximate charge
current at an ambient temperature of 25oC is:
mA
W
C
V
V
C
C
I
o
o
o
BAT
730
/
100
)
7
.
3
5
(
25
120
=
∗
−
−
=
By dropping voltage across a resistor in series with a 5V
wall adapter (shown in Figure 2), the on-chip power
dissipation can be decreased, thus increasing the
thermally regulated charge current
JA
BAT
CC
BAT
S
o
o
BAT
V
R
I
V
C
C
I
∗
−
−
−
=
)
(
25
120
Solving for IBAT using the quadratic formula.
]
)
120
(
4
)
(
)
[(
2
1
2
JA
A
o
CC
BAT
S
BAT
S
CC
BAT
T
C
R
V
V
V
V
R
I
−
−
−
−
−
=
(Note: Large values of RCC will result in no solution for IBAT This indicates that the
FC5754 will not generate enough heat to require thermal regulation )
Using RCC = 0.25Ω, VS = 5V, VBAT = 3.7V, TA = 25°C and JA
= 100°C/W we can calculate the thermally regulated
charge current to be:
IBAT = 879.5mA
While this application delivers more energy to the
battery and reduces charge time in thermal mode, it
may actually lengthen charge time in voltage mode if
VIN becomes low enough to put the FC5754 into
dropout.
This technique works best when RCC values are
minimized to keep component size small and avoid
dropout. Remember to choose a resistor with adequate
power handling capability.
VIN Bypass Capacitor
Many types of capacitors can be used for input
bypassing, however, caution must be exercised when
using multilayer ceramic capacitors. Because of the
self-resonant and high Q characteristics of some types
of ceramic capacitors, high voltage transients can be
generated under some start-up conditions, such as
connecting the charger input to a live power source.
Adding a 1.5Ω resistor in series with an X5R ceramic
capacitor will minimize start-up voltage transients.
Charge Current Soft-Start
The FC5754 includes a soft-start circuit to minimize the
inrush current at the start of a charge cycle. When a
charge cycle is initiated, the charge current ramps from
zero to the full-scale current over a period of
approximately 100us. This has the effect of minimizing
the transient current load on the power supply during
start-up.
Figure 2. A Circuit to Maximize Thermal Mode Charge Current
θ
θ
θ
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com