Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMM-3738-VM1000-R Datasheet(PDF) 4 Page - PUI audio inc.

Part # PMM-3738-VM1000-R
Description  Low-Noise Bottom Port Piezoelectric MEMS Microphone
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

PMM-3738-VM1000-R Datasheet(HTML) 4 Page - PUI audio inc.

  PMM-3738-VM1000-R Datasheet HTML 1Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 2Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 3Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 4Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 5Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 6Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 7Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission of PUI
Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Reliability Specifications
Stress Test
Description
Temperature Cycling Test
-40°C to +125°C, 850 cycles
High Temperature Operating Life
+125°C, 1000 hours, biased
High Temperature Storage
+125°C, 1000 hours, unbiased
Temperature Humidity Bias
+85°C, 85% RH, 1000 hours, biased
Reflow
3 reflow cycles with peak temperature of +260°C
ESD-HBM
3 discharges, all pins, ± 2kV
ESD-CDM
3 discharges, all pins, ± 800V
ESD-LID/GND
3 discharges to lid, ± 8kV
ESD-MM
3 discharges, all pins, ± 200V
ESD-Air Discharge
3 discharges, ± 15kV
Applications Information
Recommended drive circuit and external components.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com