Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMM-3738-VM1000-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # PMM-3738-VM1000-R
Description  Low-Noise Bottom Port Piezoelectric MEMS Microphone
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

PMM-3738-VM1000-R Datasheet(HTML) 2 Page - PUI audio inc.

  PMM-3738-VM1000-R Datasheet HTML 1Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 2Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 3Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 4Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 5Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 6Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 7Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission of PUI
Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Specifications
All specifications are at 25°C, VSupply = 1.8 V unless otherwise noted.
Parameter
Symbol Conditions
Min. Typ. Max. Units
Acoustic Specifications
Sensitivity
1 kHz, 94 dB SPL
-41
-38
-35
dBV
Signal-to-Noise
Ratio
SNR
94 dB SPL at 1 kHz signal, 20Hz to
20kHz, A-weighted Noise
62
dB(A)
Signal-to-Noise
Ratio Voice Band
SNR
94 dB SPL at 1 kHz signal, 20Hz to
8kHz, A-weighted Noise
64
dB(A)
Total Harmonic
Distortion
THD
94 dB SPL
0.1
%
Acoustic Overload
Point
AOP
10.0% THD
127
dBSPL
Roll Off Frequency
-3db at 1KHz
85
Hz
Directivity
Omni
Polarity
Increase in sound pressure
Increase in output voltage
Electrical Specifications
Supply Voltage
1.6
1.8
3.6
V
Supply Current
VSupply ≤ 3.6 V (TBR)
165
μA
Power Supply
Rejection Ratio
PSRR
VDD = 1.8, 1kHz, 200mVPP Sine
wave
55
dB
Power Supply
Rejection
PSR
VDD = 1.8, 217Hz, 100mVPP square
wave, 20 Hz – 20kHz, A-weighted
-85
dB(A)
Output Impedance
ZOUT
400
Ω
Output DC Offset
0.8
V
Startup Time
100
μS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com