Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMM-3738-VM1000-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # PMM-3738-VM1000-R
Description  Low-Noise Bottom Port Piezoelectric MEMS Microphone
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

PMM-3738-VM1000-R Datasheet(HTML) 1 Page - PUI audio inc.

  PMM-3738-VM1000-R Datasheet HTML 1Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 2Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 3Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 4Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 5Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 6Page - PUI audio inc. PMM-3738-VM1000-R Datasheet HTML 7Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission of PUI
Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Low-Noise Bottom Port
Piezoelectric MEMS Microphone
Data Sheet
PMM-3738-VM1000-R
PUI Audio, featuring Vesper’s exclusive technology, presents the world’s first and
only piezoelectric MEMS microphone. The PMM-3738-VM1000-R provides superior
performance and quality in all environments.
Features:
•
Unique piezoelectric MEMS transducer
•
Very-low noise floor
•
Low part-to-part variation
•
High dynamic range
•
Stable performance in all conditions
•
Dust and water resistant to IP57
The PMM-3738-VM1000-R is a low noise, low part-
to-part variation, high dynamic range, single ended
analog output piezoelectric MEMS microphone.
This microphone consists of a piezoelectric sensor
and circuitry to buffer and amplify the output.
The PMM-3738-VM1000-R has a small 3.76 mm X
2.95 mm X 1.1 mm package. This microphone is
reflow solder compatible without sensitivity
degradation.


Similar Part No. - PMM-3738-VM1000-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
PMM-3738-VM1010-R PUIAUDIO-PMM-3738-VM1010-R Datasheet
1Mb / 9P
Low-Noise Bottom Port Piezoelectric MEMS Microphone with Wake on Sound Feature
More results

Similar Description - PMM-3738-VM1000-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-335 AD-UG-335 Datasheet
94Kb / 2P
EVAL-ADMP521Z Bottom Port Digital Output MEMS Microphone Evaluation Board
REV. 0
logo
STMicroelectronics
MP33AB01H STMICROELECTRONICS-MP33AB01H Datasheet
459Kb / 13P
MEMS audio surface-mount bottom-port silicon microphone with analog output
10-Oct-2013
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
Miniature Bottom Port Analog MEMS Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
Miniature Bottom Port Analog MEMS Microphone
logo
TDK Electronics
ICS-40180 TDK-ICS-40180 Datasheet
407Kb / 14P
Hardened, Low-Noise Microphone with Bottom Port and Analog Output
INMP504 TDK-INMP504 Datasheet
395Kb / 13P
Ultra-Low Noise Microphone with Bottom Port and Analog Output
UG-118 TDK-UG-118 Datasheet
150Kb / 2P
Bottom Port Digital MEMS Microphone Evaluation Board
UG-126 TDK-UG-126 Datasheet
140Kb / 2P
Bottom Port Analog MEMS Microphone Evaluation Board
logo
PUI audio inc.
PMM-3738-VM1010-R PUIAUDIO-PMM-3738-VM1010-R Datasheet
1Mb / 9P
Low-Noise Bottom Port Piezoelectric MEMS Microphone with Wake on Sound Feature
logo
List of Unclassifed Man...
VM1010 ETC-VM1010 Datasheet
705Kb / 11P
Low-Noise Bottom Port Piezoelectric MEMS Microphone With Wake on Sound Feature
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com