Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBEH21PD Datasheet(PDF) 9 Page - STMicroelectronics

Part # LNBEH21PD
Description  LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBEH21PD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LNBEH21PD Datasheet HTML 5Page - STMicroelectronics LNBEH21PD Datasheet HTML 6Page - STMicroelectronics LNBEH21PD Datasheet HTML 7Page - STMicroelectronics LNBEH21PD Datasheet HTML 8Page - STMicroelectronics LNBEH21PD Datasheet HTML 9Page - STMicroelectronics LNBEH21PD Datasheet HTML 10Page - STMicroelectronics LNBEH21PD Datasheet HTML 11Page - STMicroelectronics LNBEH21PD Datasheet HTML 12Page - STMicroelectronics LNBEH21PD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LNBEH21
9/22
VOM bit and TEN/VSEL pin functions with OM=1 (13/18V Control Word mode).
- When OM=1, the TEN/VSEL controls the 13/18V output voltage level. The usage of the TEN/VSEL
pin in combination with the VOM bit allows the 13/18V Control Word Communication (see block diagram
on page 1). The TEN/VSEL is a TTL control logic pin.
- in 13/18V Control Word Communication mode, the VOM bit does not control the LNB output voltage but
only forces the DC/DC Converter output voltage (VUP) in a steady state (VUP=21.7V typ. if LLC=0 and
VUP=22.7V typ. if LLC=1). When OM=VOM=1, the LNB output voltage is controlled only by the TEN/VSEL
pin.
COMMUNICATION MODE IMPLEMENTATION
DiSEqCTM 2.0 and 1.x mode, OM=0
When OM=0, the LNBEH21 is suitable both for DiSEqC 2.0 and for unidirectional DiSEqC 1.x
applications.
The bi-directional DiSEqC 2.0 protocol implementation is allowed by an easy PWK modulation/
demodulation of the 22KHz carrier. The PWK data are exchanged between the LNBEH21 and the main
µP, using logic levels that are compatible with both 3.3 and 5V microcontrollers. This data exchange is
made through two dedicated pins, TEN/VSEL (when OM=0) and DSQOUT, in order to maintain the timing
relationships between the PWK data and the PWK modulation as accurate as possible. These two pins
should be directly connected to two I/O pins of the µP, thus leaving to the resident firmware the task of
encoding and decoding the PWK data in accordance to the DiSEqC protocol. The fully bi-directional
DiSEqCTM 2.0 interfacing is completed by the built-in 22KHz tone detector. Its input pin (DETIN) must be
AC coupled to the DiSEqC TM bus and the extracted PWK data are available on the DSQOUT pin biased
with a pull-up resistor to a fixed voltage (see Fig. 7 and 8).
Full compliance of the system to the specification is not implied by the bare use of the LNBEH21; the
system designer should also take in consideration that, to comply to the bi-directional DiSEqC TM 2.0 bus
hardware requirements, an output R-L filter is needed. In order to help the system designer to avoid any
distortion during the 22KHz tone transmission, due to the output R-L impedance, the LNBEH21 is
provided with two output pins: the VOTX, to be used during the 22KHz tone transmission; and the VORX,
to be used when the tone is received (see DiSEqC 2.0 typical application circuit). This allows the 22KHz
tone to pass without any losses due to the R-L filter.
During the 22KHz transmission, activated by TEN/VSEL pin, the VOTX pin must be preventively activated
by the TTX I2C bit, so that, both the power supply and the 22KHz tone, are provided by mean of VOTX
output. As soon as the tone transmission is expired, the VOTX must can set to OFF by setting the TTX I
2C
bit to zero, and the power supply is provided to the LNB by the VORX pin through the R-L filter.
Unidirectional DiSEqC 1.x and non-DiSEqC systems normally don't need the output R-L termination, and
the VOTX pin can be directly connected to the LNB supply port of the Tuner (see DiSeqC 1.x typical
application circuit). There is also no need of Tone Decoding, thus DETIN and DSQOUT pins can be left
connected to ground; both the 22KHz tone and the power supply, are provided by the VOTX by setting
always TTX=1.
When In DiSEqC mode, the Output Voltage level (13.1V,14.1V,19.5V,20.5V) is selected only by the VOM
and LLC I2C bits combinations (refer to DiSEqC section in the Complete Truth Table on page 10 for
detailed logic combination and corresponding function description).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com