Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBEH21PD Datasheet(PDF) 12 Page - STMicroelectronics

Part # LNBEH21PD
Description  LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBEH21PD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LNBEH21PD Datasheet HTML 8Page - STMicroelectronics LNBEH21PD Datasheet HTML 9Page - STMicroelectronics LNBEH21PD Datasheet HTML 10Page - STMicroelectronics LNBEH21PD Datasheet HTML 11Page - STMicroelectronics LNBEH21PD Datasheet HTML 12Page - STMicroelectronics LNBEH21PD Datasheet HTML 13Page - STMicroelectronics LNBEH21PD Datasheet HTML 14Page - STMicroelectronics LNBEH21PD Datasheet HTML 15Page - STMicroelectronics LNBEH21PD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LNBEH21
12/22
Table 5: Electrical Characteristics TJ = 0 to 85°C, EN=1, LLC=PCL=OM=VOM=0, 22KHz Tone
Disabled, TTX=0/1, ISEL=High, VI=12V, IO=50mA, unless otherwise specified. See software description
section for I2C access to the system register.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Supply Voltage
VO = 20.5V, IO = 750 mA Tone enabled
8
15
V
II
Supply Current
VO = 20.5V, Tone Enabled,
NO LOAD
EN=1
20
40
mA
EN=0
3.5
7
VO
Output Voltage
OM=0, VOM=1
(or OM=1, VOM=0),
IO=750mA, TEN/VSEL=High
LLC=0
18.7
19.5
20.3
V
LLC=1
20.5
VO
Output Voltage
OM=0, VOM=1
(or OM=1, VOM=0),
IO=750 mA, TEN/VSEL=Low
LLC=0
12.75
13.25
13.75
V
LLC=1
14.25
∆V
O
Line Regulation
VI= 8 to 15V,
OM=0, VOM=0
5
40
mV
VI= 8 to 15V,
OM=0, VOM=1
5
60
∆V
O
Load Regulation
OM=0, VOM=0/1, IO = 50 to 750mA
200
mV
13/18V
tr- tf
13/18V Rise and Fall
transition Time (to be
measured at the 90% and
10% voltage range)
OM=VOM=1, TEN/VSEL from low to high,
IO = 6 to 450 mA, CO = 10 to 330 nF
575
µs
IMAX
Output Current Limiting
ISEL
≥ 3.3V or Floating
750
1000
mA
ISEL = GND
450
700
ISC
Output Short Circuit Current
300
mA
tOFF
Dynamic Overload
protection OFF Time
PCL=0
Output Shorted
900
ms
tON
Dynamic Overload
protection ON Time
PCL=0
Output Shorted
tOFF/10
ms
fTONE
Tone Frequency
OM=0, TEN/VSEL=High
20
22
24
KHz
ATONE Tone Amplitude
OM=0, TEN/VSEL=High
0.55
0.72
0.9
VPP
DTONE Tone Duty Cycle
OM=0, TEN/VSEL=High
40
50
60
%
tr, tf
Tone Rise and Fall Time
OM=0, TEN/VSEL=High
5
8
15
µs
GEXTM External Modulation Gain
∆V
OUT/∆VEXTM,
f = 10Hz to 50KHz
6
VEXTM External Input Voltage
AC Coupling
400
mVPP
ZEXTM External Modulation
Impedance
f = 10Hz to 50KHz
260
Ω
fSW
DC/DC Converter Switching
Frequency
220
kHz
fDETIN
Tone Detector Frequency
Capture Range
0.4Vpp sinewave
18
24
kHz
VDETIN Tone Detector Input
Amplitude
fIN=22kHz sinewave
0.2
1.5
VPP
ZDETIN Tone Detector Input
Impedance
150
k
Ω
VOL
DSQOUT Pin Logic LOW
Tone present
IOL=2mA
0.3
0.5
V
IOZ
DSQOUT Pin Leakage
Current
Tone absent
VOH = 6V
10
µA
VIL
TEN/VSEL Input Pin Logic
LOW
0.8
V
VIH
TEN/VSEL Input Pin Logic
HIGH
2V
IIH
TEN/VSEL Pin Input
Current
VIH = 5V
15
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com