Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBEH21PD Datasheet(PDF) 4 Page - STMicroelectronics

Part # LNBEH21PD
Description  LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBEH21PD Datasheet(HTML) 4 Page - STMicroelectronics

  LNBEH21PD Datasheet HTML 1Page - STMicroelectronics LNBEH21PD Datasheet HTML 2Page - STMicroelectronics LNBEH21PD Datasheet HTML 3Page - STMicroelectronics LNBEH21PD Datasheet HTML 4Page - STMicroelectronics LNBEH21PD Datasheet HTML 5Page - STMicroelectronics LNBEH21PD Datasheet HTML 6Page - STMicroelectronics LNBEH21PD Datasheet HTML 7Page - STMicroelectronics LNBEH21PD Datasheet HTML 8Page - STMicroelectronics LNBEH21PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LNBEH21
4/22
TYPICAL APPLICATION CIRCUITS
Figure 2: Application Circuit for DiSEqC 1.x and Output Current < 450 mA
Figure 3: Full Application Circuit for Bi-directional DiSEqC 2.0 and Output Current up to 750mA
(*) R-L Filter to be used according to EUTELSAT recommendation to implement the DiSEqCTM 2.0, (see DiSEqCTM implementation section).
If bidirectional DiSEqCTM 2.0 is not implemented the R-L filter can be removed and the above DiSEqC 1.x circuit can be used.
(**) Do not leave these pins floating if not used.
(***) To be soldered as close as possible to relative pins.
-C8 and D3,4 are needed only to protect the output pins from any negative voltage spikes during high speed voltage transitions.
LNBEH21
Vin
12V
L1=22µH
C10(***)
10nF
VoTX
SDA
SCL
C5(***)
470nF
GND
0<VADDR<VBYP
Rsc
0.1
Ω
Ω
Ω
Ω
C3 (***)
470nF
Ceramic
D2 1N4001
C1
220µF
C4 (***)
470nF
Ceramic
D4(***)
BAT43
IC1
STS4DNFS30L
IC2
C2
220µF
C9
100µF
Axial Ferrite Bead Filter
F1
F1 suggested part number:
MURATA BL01RN1-A62
Panasonic EXCELS A35
EXTM
DSQOUT
(**) DETIN
VoRX
to LNB
ISEL
Byp
Set TTX=1
Tone Enable /
13/18 Selection
R1
3.3K
Ω
Ω
Ω
Ω
ADDRESS
VUP
VCC
GATE
SENSE
TEN/VSEL
19
17
16
18
12
13
14
15
7
5
8
9
4
2
3
LNBEH21
Vin
12V
L1=22µH
C10(***)
10nF
VoTX
SDA
SCL
C5(***)
470nF
GND
0<VADDR<VBYP
Rsc
0.1
Ω
Ω
Ω
Ω
C3 (***)
470nF
Ceramic
D2 1N4001
C1
220µF
C4 (***)
470nF
Ceramic
D4(***)
BAT43
IC1
STS4DNFS30L
IC2
C2
220µF
C2
220µF
C9
100µF
Axial Ferrite Bead Filter
F1
F1 suggested part number:
MURATA BL01RN1-A62
Panasonic EXCELS A35
EXTM
DSQOUT
(**) DETIN
VoRX
to LNB
ISEL
Byp
Set TTX=1
Tone Enable /
13/18 Selection
Tone Enable /
13/18 Selection
R1
3.3K
Ω
Ω
Ω
Ω
ADDRESS
VUP
VCC
GATE
SENSE
TEN/VSEL
19
17
16
18
12
13
14
15
7
5
8
9
4
2
3
I2C Bus
{
270µH
15
Ω
Ω
Ω
Ω
LNBEH21
Vup
Gate
Vin
12V
L1=22µH
Sense
Vcc
VoRX
VoTX
(**) DETIN
C7 (***)
100nF
to LNB
SDA
SCL
DSQOUT
TEN/VSEL
ADDRESS
Byp
C5 (***)
470nF
0<VADDR <V BYP
0<VADDR <V BYP
EXTM
C6
10nF
Rsc
0.05
Ω
Ω
Ω
Ω
GND
GND
C3(***)
470nF
Ceramic
D2 1N4001
C1
220µF
C4 (***)
470nF
Ceramic
D3(***)
BAT43
D1
1N5821 or
STPS3L40A
IC1
MOS
STN4NF03L
D4 (***)
BAT43
C8 (***)
100nF
ISEL
C2
220µF
C2
220µF
C9
100µF
F1
Iout<750mA
Iout<450mA
V>3.3V
(or floating)
Axial Ferrite Bead Filter
F1 suggested part number:
Murata BL01RN1-A62
Panasonic EXCELS-A35
(*) see note
Current Limit
Selection
Tone Enable /
13/18 Selection
R1
3.3K
Ω
Ω
Ω
Ω
Tone Enable /
13/18 Selection
Tone Enable /
13/18 Selection
R1
3.3K
Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com