Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POM-5046P-C3310-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # POM-5046P-C3310-R
Description  Circular polar pattern to capture all sounds equally well regardless of placement
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

POM-5046P-C3310-R Datasheet(HTML) 1 Page - PUI audio inc.

  POM-5046P-C3310-R Datasheet HTML 1Page - PUI audio inc. POM-5046P-C3310-R Datasheet HTML 2Page - PUI audio inc. POM-5046P-C3310-R Datasheet HTML 3Page - PUI audio inc. POM-5046P-C3310-R Datasheet HTML 4Page - PUI audio inc. POM-5046P-C3310-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
POM-5046P-C3310-R
PUI Audio’s omnidirectional electret condenser microphones (ECMs) capture
sound from all directions with a 360° polar pattern.
Excellent for conference phone recording, these microphones are best suited for
applications where the directionality of the acoustic source, with relation to the
microphone, may be unknown or when placed centrally among multiple acoustic
sources.
Features:
•
6mm diameter
•
5mm height
•
-46 dB sensitivity @ 50cm
•
>55 dB signal-to-noise ratio
•
Circular polar pattern to capture all sounds equally well regardless of placement
•
Integrated 33pF and 10pF buzz-blocking capacitors reduce GSM noise
Specifications
Parameters
Values
Units
Sensitivity (1 kHz @ 50cm)
0 dB=1V/Pa
-46 ±3
dB
Rated Voltage
2
VDC
Output Impedance (@ 1 kHz)
0.68
kΩ
Current consumption
(3VS with 2.2 kΩ RL)
500
µA
Signal-to-Noise Ratio
(1kHz, 94 dB input, A-weighted)
>55
dB
Decreasing Voltage (2VS to 1.5VS)
-3
dB
Frequency Range (@ 50cm, -10 dB)
20 ~ 20,000
Hz
Operating Voltage Range
1 ~ 10
VDC
Maximum SPL Input (THD<3%)
110
dB
Directivity
Omnidirectional
-
Operating Temperature
-20 ~ +60
°C
Storage Temperature
-40 ~ +70
°C
Weight
<0.3
Grams


Similar Part No. - POM-5046P-C3310-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
POM-5042P-C3310-R PUIAUDIO-POM-5042P-C3310-R Datasheet
500Kb / 5P
Circular polar pattern to capture all sounds equally well regardless of placement
More results

Similar Description - POM-5046P-C3310-R

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LL36 AVAGO-ALMD-LL36 Datasheet
1Mb / 14P
Well-defined spatial radiation pattern
ALMD-LG37 AVAGO-ALMD-LG37 Datasheet
710Kb / 12P
Well defined spatial radiation pattern
HLMP-AG74 AVAGO-HLMP-AG74 Datasheet
214Kb / 11P
Well defi ned spatial radiation pattern
HLMP-HG74 AVAGO-HLMP-HG74 Datasheet
985Kb / 15P
Well defined spatial radiation pattern
logo
STMicroelectronics
SPC563M64AVB144 STMICROELECTRONICS-SPC563M64AVB144 Datasheet
61Kb / 6P
Allows system calibration regardless of availability of standard MCU external bus
13-Sep-2013
logo
PUI audio inc.
POM-5038L-C3310-R PUIAUDIO-POM-5038L-C3310-R Datasheet
522Kb / 5P
Circular polar pattern to capture all sounds equally well regardless of placement
POM-5038P-C3310-R PUIAUDIO-POM-5038P-C3310-R Datasheet
367Kb / 6P
Circular polar pattern to capture all sounds equally well regardless of placement
POM-5042P-C3310-R PUIAUDIO-POM-5042P-C3310-R Datasheet
500Kb / 5P
Circular polar pattern to capture all sounds equally well regardless of placement
logo
MOSDESIGN SEMICONDUCTOR...
M09 MOSDESIGN-M09 Datasheet
102Kb / 2P
8 SOUNDS 9 KEYS
2012-04-09
logo
List of Unclassifed Man...
LC9806 ETC-LC9806 Datasheet
165Kb / 2P
1/6 SIrene sounds
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com