Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS-1508MS-2-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # SMS-1508MS-2-R
Description  15mm square micro dynamic surface mount speaker with 87 dB sensitivity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

SMS-1508MS-2-R Datasheet(HTML) 3 Page - PUI audio inc.

  SMS-1508MS-2-R Datasheet HTML 1Page - PUI audio inc. SMS-1508MS-2-R Datasheet HTML 2Page - PUI audio inc. SMS-1508MS-2-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Speaker
SMS-1508MS-2-R
J.D.
M.L.
B.R.
8/9/2011
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
8/9/2011
Date
8/10/2011
Date
8/10/2011
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
SMS-1508MS-2-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
8/9/2011
A
REVISED FREQUENCY RANGE
4/27/2012
B.R.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
©2003, Projects Unlimited Inc.
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
14
15
15
5
1
1.3
2.5(4)
1.1(4)
2.8(2)
1.2
4
1.7(2)
0.8(2)
10(2)
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED INPUT POWER
0.5
W
MAX INPUT POWER
0.8
W
IMPEDANCE
8 ± 15%
OHM
OUTPUT SPL @ 0.5W/0.1M
(AT 1.0, 1.6, 2.0, 3.2 kHz)
87 ± 3
dBA
DISTORTION (MAX.)
5%
-
RESONANT FREQUENCY
800 ± 20%
Hz
FREQUENCY RANGE
500 ~ 10,000
Hz
HOUSING MATERIAL
LCP
-
CONE MATERIAL
KAPTON
-
MAGNET MATERIAL
SmCo
-
OPERATING TEMPERATURE
-30 ~ +85
°C
WEIGHT
1.5
grams
LEAD (-)
LEAD (+)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com