Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS-1508MS-2-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # SMS-1508MS-2-R
Description  15mm square micro dynamic surface mount speaker with 87 dB sensitivity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

SMS-1508MS-2-R Datasheet(HTML) 1 Page - PUI audio inc.

  SMS-1508MS-2-R Datasheet HTML 1Page - PUI audio inc. SMS-1508MS-2-R Datasheet HTML 2Page - PUI audio inc. SMS-1508MS-2-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2015. Last Revised 12/15.
SMS-1508MS-2-R
SMD Speaker
Product Overview
• 15mm square micro dynamic surface mount speaker with 87 dB sensitivity
• 0.5W continuous, 0.8W maximum power handling and 8Ω impedance
• Kapton® cone for wide frequency response and LCP housing for reflow soldering
3541 Stop Eight Road • Dayton, Ohio 45414
Frequency Response (0.5W @ 0.1 meter)


Similar Part No. - SMS-1508MS-2-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
SMS-1508MS-2-R PUI-SMS-1508MS-2-R Datasheet
191Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - SMS-1508MS-2-R

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDMG13008L-02 CUI-CDMG13008L-02 Datasheet
498Kb / 6P
micro dynamic speaker
CDMG15008-03A CUI-CDMG15008-03A Datasheet
373Kb / 5P
micro dynamic speaker
CDMG16008-03 CUI-CDMG16008-03 Datasheet
428Kb / 6P
micro dynamic speaker
CDMG15008-03 CUI-CDMG15008-03 Datasheet
171Kb / 6P
Micro Dynamic Speaker
logo
PUI audio inc.
ADS02908MR-R PUIAUDIO-ADS02908MR-R Datasheet
498Kb / 3P
29mm diameter speaker with 88 dB sensitivity
AS01508MR-6-R PUIAUDIO-AS01508MR-6-R Datasheet
581Kb / 3P
15mm overall diameter speaker with Neodymium magnet for 88 dB sensitivity
AS07708PS-2-R PUIAUDIO-AS07708PS-2-R Datasheet
527Kb / 3P
77mm speaker with square frame and 90 dB sensitivity
AS07708PS-2-WR-R PUIAUDIO-AS07708PS-2-WR-R Datasheet
487Kb / 3P
77mm speaker with square frame and 90 dB sensitivity
AST-01508MR-R PUIAUDIO-AST-01508MR-R Datasheet
484Kb / 3P
15mm diameter speaker with Neodymium magnet for 87 dB sensitivity
AST-01532MR-R PUIAUDIO-AST-01532MR-R Datasheet
464Kb / 3P
15mm diameter speaker with Neodymium magnet for 87 dB sensitivity
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com