Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS-1508MS-2-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # SMS-1508MS-2-R
Description  15mm square micro dynamic surface mount speaker with 87 dB sensitivity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

SMS-1508MS-2-R Datasheet(HTML) 2 Page - PUI audio inc.

  SMS-1508MS-2-R Datasheet HTML 1Page - PUI audio inc. SMS-1508MS-2-R Datasheet HTML 2Page - PUI audio inc. SMS-1508MS-2-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2015. Last Revised 12/15.
SMS-1508MS-2-R
SMD Speaker
Mechanical and Environment Testing
Test Description
Test Condition
High Temperature
85°C with random humidity for 96 hours
Low Temperature
-40°C with random humidity for 96 hours
Humidity
25°C to 65°C with 90% to 95% relative humidity
for 96 hours
Vibration
5G movement modulated at 10 to 55 Hz for 2
hours each axis, 6 hours total
Drop Test
75 cm free fall onto 40 mm thick board, 10 cy-
Temperature Cycle Test
-40°C to 85°C, 5 cycles
After tests, speaker shall rest for 1 hours. SPL shall not deviate ±3 dB from pre-test measurement.
Recommended Land Pattern
Frequency Response Measurement Setup
Recommended Reflow Profile



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com