Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q12AB6LP Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # Q12AB6LP
Description  Miniature self-contained photoelectric sensors in universal housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q12AB6LP Datasheet(HTML) 4 Page - Banner Engineering Corp.

  Q12AB6LP Datasheet HTML 1Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 2Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 3Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 4Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 5Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 6Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 7Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Output Protection Circuitry
Protected against false pulse on power-up, short-circuit protected
Output Response Time
Opposed Mode: 1.3 ms ON; 900 µs OFF
All Other Modes: 700 µs ON/OFF
NOTE: 120 ms delay on power-up; outputs do not conduct during this time.
Indicators
One Yellow and one Green LED (see Figure 1)
Construction
Polarized Retro Models: Thermoplastic elastomer housing with glass lens
All Other Standard Models: Thermoplastic elastomer housing with
polycarbonate lens
Chemical-Resistant Models: Housing encased in PFA jacket; cable encased
in 3/16 in O.D. PFA tubing
Output Ratings
OFF-state leakage current:
NPN: 200 µA
PNP: 10 µA
ON-state saturation voltage:
NPN: 1.25 V at 50 mA
PNP: 1.45 V at 50 mA
Vibration and Mechanical Shock
All models meet MIL-STD-202F, Method 201A (Vibration: 10 Hz to 60 Hz
maximum, 0.06 inch (1.52 mm) double amplitude, 10G maximum
acceleration) requirements. Also meets IEC 60947-5-2 (Shock: 30G 11 ms
duration, half sine wave) requirements.
Connections
Standard Models: 2 m (6.5 ft) or 9 m (30 ft) attached PVC cable, or 150 mm
(6 in) pigtail with M8 or M12 threaded connection, depending on the model
ordered
Chemical-Resistant Models: 2 m (6.5 ft) cable encased in 3/16 in O.D. PFA
tubing
Environmental Rating
Standard Models: IEC IP67
Chemical-Resistant Models: IEC IP67 (NEMA6) and PW12 1200 psi
washdown per NEMA ICS5, Annex F-2002
Conditions
Operating Temperature: –20 °C to +55 °C (–4 °F to +131°F)
Storage Temperature: –30 °C to +75 °C (–22 °F to +167 °F)
95% at +50 °C maximum relative humidity (non-condensing)
Certifications
(Chemical-resistant models are
not UR/UL approved.)
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance with
local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product
application per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Dimensions
3.5 mm
(0.14")
22 mm
(0.86")
23.1 mm
(0.91")
3.4 mm
(0.13")
5.1 mm
(0.20")
15.0 mm
(0.59")
4.7 mm
(0.19")
Polarized Retro
Models
M3 mounting
screws included
8.0 mm
(0.31")
12.4 mm
(0.49")
Ø 3 mm (0.12")
max. torque
0.9 Nm (8 in-lbf)
Emitter (opposed mode models)
Emitter (all other models)
Figure 1. Standard Models
WORLD-BEAM® Q12 Series Sensor
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 119223 Rev. K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com