Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q12AB6LP Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # Q12AB6LP
Description  Miniature self-contained photoelectric sensors in universal housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q12AB6LP Datasheet(HTML) 7 Page - Banner Engineering Corp.

  Q12AB6LP Datasheet HTML 1Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 2Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 3Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 4Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 5Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 6Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 7Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-Pin Threaded M8/Pico-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
PKG4M-2
2 m (6.56 ft)
Straight
ø 9.5
35 Typ.
M8 x 1
4
3
1
2
1 = Brown
2 = White
3 = Blue
4 = Black
PKG4M-5
5 m (16.4 ft)
PKG4M-9
9 m (29.5 ft)
PKW4M-2
2 m (6.56 ft)
Right Angle
ø 9.5
28 Typ.
20 Typ.
M8 x 1
PKW4M-5
5 m (16.4 ft)
PKW4M-9
9 m (29.5 ft)
4-Pin Threaded M12/Euro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-406
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
1 = Brown
2 = White
3 = Blue
4 = Black
MQDC-415
4.57 m (15 ft)
MQDC-430
9.14 m (30 ft)
MQDC-450
15.2 m (50 ft)
MQDC-406RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC-415RA
4.57 m (15 ft)
MQDC-430RA
9.14 m (30 ft)
MQDC-450RA
15.2 m (50 ft)
Brackets
SMBQ12T
•
Right-angle bracket
•
20-ga. 300 series stainless
steel
11
34
34
Ø3.3
4 X
2 X
Ø3.2
Hole center spacing: A to B = 7.6
Hole size: A = 3.5 x 8.1, B=ø 3.2
SMBQ12A
•
Adjustable right-angle
bracket
•
20-ga. 300 series stainless
steel
11
34
34
Ø3.3
Ø3.2
Hole center spacing: A to B = 7.6
Hole size: A = 3.5 x 8.1, B=ø 3.2
Apertures
Opposed-mode Q12 sensors (standard models only) may be fitted with apertures to narrow or shape the sensor’s effective beam
to more closely match the size or profile of the objects being sensed. A common example is the use of “line” (or “slot”) type
apertures to sense thread.
Note: The use of apertures will reduce the sensing range (see table below).
WORLD-BEAM® Q12 Series Sensor
P/N 119223 Rev. K
www.bannerengineering.com - Tel: + 1 888 373 6767
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com