Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q12AB6LP Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # Q12AB6LP
Description  Miniature self-contained photoelectric sensors in universal housing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q12AB6LP Datasheet(HTML) 6 Page - Banner Engineering Corp.

  Q12AB6LP Datasheet HTML 1Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 2Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 3Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 4Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 5Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 6Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 7Page - Banner Engineering Corp. Q12AB6LP Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Performance Curves - Fixed-Field
Focus and spot sizes are typical. Performance based on use of 90% reflectance white test card.*
Fixed Field -- 15 mm
Fixed Field -- 30 mm
Fixed Field -- 50 mm
1
10
100
10 mm
0.4"
100 mm
4.0"
1000 mm
40.0"
1 mm
0.04"
1000
DISTANCE
Q12..FF15
Fixed-Field
Standard
Chemical-Resistant
Q12..FF15
Fixed-Field
1
10
100
10 mm
0.4"
100 mm
4.0"
1000 mm
40.0"
1 mm
0.04"
1000
DISTANCE
Q12..FF30
Fixed-Field
Standard
Chemical-Resistant
1
10
100
10 mm
0.4"
100 mm
4.0"
1000 mm
40.0"
1 mm
0.04"
1000
DISTANCE
Standard
Chemical-Resistant
Q12..FF50
Fixed-Field Mode
Standard Models:
•
Ø 0.4 mm spot size at 10 mm focus
•
Ø 1.5 mm spot size at 15 mm cutoff
Chemical-Resistant Models:
•
Ø 0.4 mm spot size at 8 mm focus
•
Ø 1.5 mm spot size at 13 mm cutoff
* Using 18% gray test card: cutoff distance will be
95% of value shown.
Using 6% black test card: cutoff distance will be
90% of value shown.
Standard Models:
•
Ø 0.5 mm spot size at 16 mm focus
•
Ø 3.0 mm spot size at 30 mm cutoff
Chemical-Resistant Models:
•
Ø 0.5 mm spot size at 14 mm focus
•
Ø 3.0 mm spot size at 28 mm cutoff
* Using 18% gray test card: cutoff distance will be
90% of value shown. Using 6% black test card:
cutoff distance will be 80% of value shown.
Standard Models:
•
Ø 0.5 mm spot size at 16 mm focus
•
Ø 6.5 mm spot size at 50 mm cutoff
* Using 18% gray test card: cutoff distance will be
80% of value shown.
Using 6% black test card: cutoff distance will be
60% of value shown.
Chemical-Resistant Models:
•
Ø 0.5 mm spot size at 14 mm focus
•
Ø 6.5 mm spot size at 48 mm cutoff
* Using 18% gray test card: cutoff distance will be
70% of value shown. Using 6% black test card:
cutoff distance will be 50% of value shown.
Accessories
Cordsets
3-Pin Threaded M8/Pico-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
PKG3M-2
2 m (6.56 ft)
Straight
ø 9.5
35 Typ.
M8 x 1
4
3
1
1 = Brown
3 = Blue
4 = Black
PKG3M-5
5 m (16.40 ft)
PKG3M-7
7 m (22.97 ft)
PKG3M-9
9 m (29.53 ft)
PKG3M-10
10 m (32.81 ft)
PKW3M-2
2 m (6.56 ft)
Right-Angle
ø 9.5
28 Typ.
20 Typ.
M8 x 1
PKW3M-5
5 m (16.40 ft)
PKW3M-9
9 m (29.53 ft)
WORLD-BEAM® Q12 Series Sensor
6
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 119223 Rev. K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com