Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM340 Datasheet(PDF) 12 Page - ON Semiconductor

Part # LM340
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM340 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button LM340 Datasheet HTML 8Page - ON Semiconductor LM340 Datasheet HTML 9Page - ON Semiconductor LM340 Datasheet HTML 10Page - ON Semiconductor LM340 Datasheet HTML 11Page - ON Semiconductor LM340 Datasheet HTML 12Page - ON Semiconductor LM340 Datasheet HTML 13Page - ON Semiconductor LM340 Datasheet HTML 14Page - ON Semiconductor LM340 Datasheet HTML 15Page - ON Semiconductor LM340 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LM340, A Series
12
MOTOROLA ANALOG IC DEVICE DATA
LM340–24
ELECTRICAL CHARACTERISTICS (Vin = 33 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
IO = 5.0 mA to 1.0 A
VO
23
24
25
Vdc
Line Regulation
28 Vdc to 38 Vdc
27 Vdc to 38 Vdc (TJ = +25°C)
30 Vdc to 36 Vdc, IO = 1.0 A
27.1 Vdc to 38 Vdc, IO = 1.0 A (TJ = +25°C)
Regline
–
–
–
–
–
–
–
–
240
240
120
240
mV
Load Regulation
5.0 mA
≤ IO ≤ 1.0 A
5.0 mA
≤ IO ≤ 1.5 A (TJ = +25°C)
250 mA
≤ IO ≤ 750 mA (TJ = +25°C)
Regload
–
–
–
–
–
–
240
240
120
mV
Output Voltage
27
≤ Vin ≤ 38 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, PD ≤ 15 W
VO
22.8
–
25.2
Vdc
Quiescent Current
IO = 1.0 A
TJ = +25°C
IB
–
–
–
4.0
8.5
8.0
mA
Quiescent Current Change
27
≤ Vin ≤ 38 Vdc, IO = 500 mA
5.0 mA
≤ IO ≤ 1.0 A, Vin = 33 V
27.3
≤ Vin ≤ 38 Vdc, IO = 1.0 A
∆IB
–
–
–
–
–
–
1.0
0.5
1.0
mA
Ripple Rejection
IO = 1.0 mA (TJ = +25°C)
RR
50
66
–
dB
Dropout Voltage
VI – VO
–
1.7
–
Vdc
Output Resistance (f = 1.0 kHz)
rO
–
2.0
–
m
Ω
Short Circuit Current Limit (TJ = +25°C)
ISC
–
200
–
A
Output Noise Voltage (TA = +25°C)
10 Hz
≤ f ≤ 100 kHz
Vn
–
170
–
µV
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA
TCVO
–
±3.0
–
mV/
°C
Peak Output Current (TJ = +25°C)
IO
–
2.4
–
A
Input Voltage to Maintain Line Regulation (TJ = +25°C)
IO = 1.0 A
27.1
–
–
Vdc
NOTE: 1. Tlow to Thigh = 0° to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com