Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM340 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM340
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM340 Datasheet(HTML) 4 Page - ON Semiconductor

  LM340 Datasheet HTML 1Page - ON Semiconductor LM340 Datasheet HTML 2Page - ON Semiconductor LM340 Datasheet HTML 3Page - ON Semiconductor LM340 Datasheet HTML 4Page - ON Semiconductor LM340 Datasheet HTML 5Page - ON Semiconductor LM340 Datasheet HTML 6Page - ON Semiconductor LM340 Datasheet HTML 7Page - ON Semiconductor LM340 Datasheet HTML 8Page - ON Semiconductor LM340 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LM340, A Series
4
MOTOROLA ANALOG IC DEVICE DATA
LM340A–5.0
ELECTRICAL CHARACTERISTICS (Vin = 10 V, IO = 1.0 A, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
IO = 5.0 mA to 1.0 A
VO
4.9
5.0
5.1
Vdc
Line Regulation
7.5 Vdc to 20 Vdc, IO = 500 mA
7.3 Vdc to 25 Vdc (TJ = +25°C)
8.0 Vdc to 12 Vdc
8.0 Vdc to 12 Vdc (TJ = +25°C)
Regline
–
–
–
–
–
3.0
–
–
10
10
12
4.0
mV
Load Regulation
5.0 mA
≤ IO ≤ 1.0 A
5.0 mA
≤ IO ≤ 1.5 A (TJ = +25°C)
250 mA
≤ IO ≤ 750 mA (TJ = +25°C)
Regload
–
–
–
–
–
–
25
25
15
mV
Output Voltage
7.5
≤ Vin ≤ 20 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, PD ≤ 15 W
VO
4.8
–
5.2
Vdc
Quiescent Current
TJ = +25°C
IB
–
–
–
3.5
6.5
6.0
mA
Quiescent Current Change
5.0 mA
≤ IO ≤ 1.0 A, Vin = 10 V
8.0
≤ Vin ≤ 25 Vdc, IO = 500 mA
7.5
≤ Vin ≤ 20 Vdc, IO = 1.0 A (TJ = +25°C)
∆IB
–
–
–
–
–
–
0.5
0.8
0.8
mA
Ripple Rejection
8.0
≤ Vin ≤ 18 Vdc, f = 120 Hz
IO = 500 mA
IO = 1.0 A (TJ = +25°C)
RR
68
68
–
80
–
–
dB
Dropout Voltage
VI – VO
–
1.7
–
Vdc
Output Resistance (f = 1.0 kHz)
rO
–
2.0
–
m
Ω
Short Circuit Current Limit (TJ = +25°C)
ISC
–
2.0
–
A
Output Noise Voltage (TA = +25°C)
10 Hz
≤ f ≤ 100 kHz
Vn
–
40
–
µV
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA
TCVO
–
±0.6
–
mV/
°C
Peak Output Current (TJ = +25°C)
IO
–
2.4
–
A
Input Voltage to Maintain Line Regulation (TJ = +25°C)
IO = 1.0 A
7.3
–
–
Vdc
NOTE: 1. Tlow to Thigh = 0° to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com