Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM340 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM340
Description  THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM340 Datasheet(HTML) 3 Page - ON Semiconductor

  LM340 Datasheet HTML 1Page - ON Semiconductor LM340 Datasheet HTML 2Page - ON Semiconductor LM340 Datasheet HTML 3Page - ON Semiconductor LM340 Datasheet HTML 4Page - ON Semiconductor LM340 Datasheet HTML 5Page - ON Semiconductor LM340 Datasheet HTML 6Page - ON Semiconductor LM340 Datasheet HTML 7Page - ON Semiconductor LM340 Datasheet HTML 8Page - ON Semiconductor LM340 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LM340, A Series
3
MOTOROLA ANALOG IC DEVICE DATA
LM340–5.0
ELECTRICAL CHARACTERISTICS (Vin = 10 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
IO = 5.0 mA to 1.0 A
VO
4.8
5.0
5.2
Vdc
Line Regulation (Note 2)
8.0 Vdc to 20 Vdc
7.0 Vdc to 25 Vdc (TJ = +25°C)
8.0 Vdc to 12 Vdc, IO = 1.0 A
7.3 Vdc to 20 Vdc, IO = 1.0 A (TJ = +25°C)
Regline
–
–
–
–
–
–
–
–
50
50
25
50
mV
Load Regulation (Note 2)
5.0 mA
≤ IO ≤ 1.0 A
5.0 mA
≤ IO ≤ 1.5 A (TJ = +25°C)
250 mA
≤ IO ≤ 750 mA (TJ = +25°C)
Regload
–
–
–
–
–
–
50
50
25
mV
Output Voltage
7.0
≤ Vin ≤ 20 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, PD ≤ 15 W
VO
4.75
–
5.25
Vdc
Quiescent Current
IO = 1.0 A
TJ = +25°C
IB
–
–
–
4.0
8.5
8.0
mA
Quiescent Current Change
7.0
≤ Vin ≤ 25 Vdc, IO = 500 mA
5.0 mA
≤ IO ≤ 1.0 A, Vin = 10 V
7.5
≤ Vin ≤ 20 Vdc, IO = 1.0 A
∆IB
–
–
–
–
–
–
1.0
0.5
1.0
mA
Ripple Rejection
IO = 1.0 A (TJ = +25°C)
RR
62
80
–
dB
Dropout Voltage
VI – VO
–
1.7
–
Vdc
Output Resistance (f = 1.0 kHz)
rO
–
2.0
–
m
Ω
Short Circuit Current Limit (TJ = +25°C)
ISC
–
2.0
–
A
Output Noise Voltage (TA = +25°C)
10 Hz
≤ f ≤ 100 kHz
Vn
–
40
–
µV
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA
TCVO
–
±0.6
–
mV/
°C
Peak Output Current (TJ = +25°C)
IO
–
2.4
–
A
Input Voltage to Maintain Line Regulation (TJ = +25°C)
IO = 1.0 A
7.3
–
–
Vdc
NOTES: 1. Tlow to Thigh = 0° to +125°C
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately.
Pulse testing with low duty cycle is used.
DEFINITIONS
Line Regulation – The change in output voltage for a
change in the input voltage. The measurement is made
under conditions of low dissipation or by using pulse
techniques such that the average chip temperature is not
significantly affected.
Load Regulation – The change in output voltage for a
change in load current at constant chip temperature.
Maximum Power Dissipation – The maximum total device
dissipation for which the regulator will operate within
specifications.
Quiescent Current – That part of the input current that is not
delivered to the load.
Output Noise Voltage – The rms AC voltage at the output,
with constant load and no input ripple, measured over a
specified frequency range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com