Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258E Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6258E
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6258E Datasheet HTML 9Page - STMicroelectronics L6258E Datasheet HTML 10Page - STMicroelectronics L6258E Datasheet HTML 11Page - STMicroelectronics L6258E Datasheet HTML 12Page - STMicroelectronics L6258E Datasheet HTML 13Page - STMicroelectronics L6258E Datasheet HTML 14Page - STMicroelectronics L6258E Datasheet HTML 15Page - STMicroelectronics L6258E Datasheet HTML 16Page - STMicroelectronics L6258E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13/24
L6258E
so the gain of this block is:
where:
RL = equivalent resistance of the motor winding
RS = sense resistor
Because of the inductance of the motor LL, the load has a pole at the frequency :
Before analysing the error amplifier block and the sense transconductance block, we have to do this consider-
ation :
AloopdB = AxdB + BxdB
Ax|dB = ACpw|dB + ACload|dB
and
Bx|dB = ACerr|dB + ACsense|dB
this means that Ax|dB is the sum of the power amplifier and load blocks;
Ax|dB = (29,5) + (-31.4) = -1.9dB
The BODE analysis of the transfer function of Ax is:
Figure 8.
The Bode plot of the Ax|dB function shows a DC gain of -1.9dB and a pole at 163Hz.
It is clear now that (because of the negative gain of the Ax function), Bx function must have an high DC gain in
ACload
V
sense
v
out
------------------
R
S
R
L
R
S
+
---------------------
==
ACload
dB
20
R
S
R
L
R
S
+
---------------------
log
=
Aload
dB
20
0.33
12
0.33
+
------------------------
log
31.4dB
==
Fpole
1
2
π
L
L
R
L
R
S
+
---------------------
---------------------------------
=
Fpole
1
6.28
12 10
3
12
0.33
+
------------------------
-----------------------------------------
163Hz
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com