Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258E Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6258E
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6258E Datasheet HTML 14Page - STMicroelectronics L6258E Datasheet HTML 15Page - STMicroelectronics L6258E Datasheet HTML 16Page - STMicroelectronics L6258E Datasheet HTML 17Page - STMicroelectronics L6258E Datasheet HTML 18Page - STMicroelectronics L6258E Datasheet HTML 19Page - STMicroelectronics L6258E Datasheet HTML 20Page - STMicroelectronics L6258E Datasheet HTML 21Page - STMicroelectronics L6258E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
L6258E
18/24
Figure 12. Typical Application Circuit.
5.2 Motor Selection
Some stepper motor have such high core losses that they are not suitable for switch mode current regulation. Fur-
thermore, some stepper motors are not designed for continuous operating at maximum current. Since the circuit
can drive a constant current through the motor, its temperature might exceed, both at low and high speed operation.
5.3 Unused Inputs
Unused inputs should be connected to the proper voltage levels in order to get the highest noise immunity.
5.4 Notes on PCB Design
We recommend to observe the following layout rules to avoid application problems with ground and anomalous
recirculation current.
The by-pass capacitors for the power and logic supply must be kept as near as possible to the IC.
It's important to separate on the PCB board the logic and power grounds and the internal charge pump circuit
ground avoiding that ground traces of the logic signals cross the ground traces of the power signals.
Because the IC uses the board as a heat sink, the dissipating copper area must be sized in accordance with the
required value of Rthj-amb.
STEPPER
MOTOR
M
12mH 10
Ω
0.33
0.33
21
20
14
35
34
5
OUT2B
SENSE2
OUT2A
SENSE1
OUT1B
OUT1A
PH1
2
I0_1
4
I1_1
3
I2_1
32
I3_1
33
PH2
17
I0_2
15
I1_2
16
I2_2
23
I3_2
22
DISABLE
6
10nF
100nF
1nF
TRI_CAP
7
VS
13,31
VBOOT
12
VCP2
11
VCP1
10
9
GND
1,36
18,19
PWR_GND
VS
27
SIG_GND
28
D97IN626E
VREF1
26
VREF2
29
EA_IN1
30
EA_OUT1
820pF
1M
25
EA_IN2
24
EA_OUT2
820pF
1M
VREF
8
VDD
VDD(5V)
L6258
SOP36
PACKAGE
R2 1M
R1 1M
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com