Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6258E Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6258E
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258E Datasheet(HTML) 5 Page - STMicroelectronics

  L6258E Datasheet HTML 1Page - STMicroelectronics L6258E Datasheet HTML 2Page - STMicroelectronics L6258E Datasheet HTML 3Page - STMicroelectronics L6258E Datasheet HTML 4Page - STMicroelectronics L6258E Datasheet HTML 5Page - STMicroelectronics L6258E Datasheet HTML 6Page - STMicroelectronics L6258E Datasheet HTML 7Page - STMicroelectronics L6258E Datasheet HTML 8Page - STMicroelectronics L6258E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5/24
L6258E
Table 4. Electrical Characteristics (VS = 40V; VDD = 5V; Tj = 25°; unless otherwise specified.)
Note 1: This is true for all the logic inputs except the disable input.
(*) Chopping frequency is twice fosc value.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
12
40
V
VDD
Logic Supply Voltage
4.75
5.25
V
VBOOT
Storage Voltage
VS = 12 to 40V
VS+6
VS+12
V
VSense
Max Drop Across Sense Resistor
1.25
V
VS(off)
Power off Reset
Off Threshold
6
7.2
V
VDD(off)
Power off Reset
Off Threshold
3.3
4.1
V
IS(on)
VS Quiescent Current
Both bridges ON, No Load
15
mA
IS(off)
VS Quiescent Current
Both bridges OFF
7
mA
IDD
VDD Operative Current
15
mA
∆TSD-H Shut Down Hysteresis
25
°C
TSD
Thermal shutdown
150
°C
fosc
Triangular Oscillator Frequency (*) CFREF = 1nF
12.5
15
18.5
KHz
TRANSISTORS
IDSS
Leakage Current
OFF State
500
µA
Rds(on)
On Resistance
ON State
0.6
0.75
Vf
Flywheel diode Voltage
If =1.0A
1
1.4
V
CONTROL LOGIC
Vin(H)
lnput Voltage
All Inputs
2
VDD
V
Vin(L)
Input Voltage
All Inputs
0
0.8
V
Iin
Input Current (Note 1)
0 < Vin < 5V
-150
+10
µA
Idis
Disable Pin Input Current
-10
+150
µA
Vref1/ref2 Reference Voltage
operating
0
2.5
V
Iref
Vref Terminal Input Current
Vref = 1.25
-2
5
µA
FI =
Vref/Vsense
PWM Loop Transfer Ratio
2
VFS
DAC Full Scale Precision
Vref = 2.5V I0/I1/I2/I3 = L
1.23
1.34
V
Voffset
Current Loop Offset
Vref = 2.5V I0/I1/I2/I3 = H
-30
+30
mV
DAC Factor Ratio
Normalized @ Full scale Value
-2
+2
%
SENSE AMPLIFIER
Vcm
lnput Common Mode Voltage
Range
-0.7
VS+0.7
V
Iinp
Input Bias
sense1/sense2
-200
0
µA
ERROR AMPLIFIER
GV
Open Loop Voltage Gain
70
dB
SR
Output Slew Rate
Open Loop
0.2
V/
µs
GBW
Gain Bandwidth Product
400
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com