Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD100F2 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PD100F2
Description  100Avg, 200 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD100F2 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PD100F2 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD100F2 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
─ 127 ─
■回路図 CIRCUIT
FRD
100A Avg 200 Volts
PC100F2
PD100F2
■最大定格 Maximum Ratings
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
*1
Repetitive Peak Reverse Voltage
VRRM
200
V
非くり返しピーク逆電圧
*1
Non Repetitive Peak Reverse Voltage
VRSM
220
V
PC100F2/PD100F2
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
平均整流電流
*1
Average Rectified Output Current
I0(AV)
商用周波数 180°通電
Tc=99℃
Half Sine Wave
100
A
実効順電流
*1
RMS Forward Current
IF
(RMS)
157
A
電流二乗時間積
*1
I Squared t
I
2t
2∼10ms
16200
A
2
s
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+150
℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125
℃
締付トルク
Mounting Torque
F
サーマルコンパウンド塗布
Greased
2.4∼2.8
N・m
2.4∼2.8
N・m
ベース部
Mounting
主端子部
Terminal
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピーク逆電流
*1
Peak Reverse Current
IRM
Tj=150℃,VRM=VRRM
10
mA
ピーク順電圧
*1
Peak Forward Voltage
VFM
Tj=25℃,IFM=100A
1.00
V
熱抵抗
*1
Thermal Resistance
Rth
(j-c)
接合部−ケース間
Junction to Case
0.5
℃/W
接触熱抵抗
Thermal Resistance
Rth
(c-f)
ケース−フィン間
(トータル)
,
サーマルコンパウンド塗布
Case to Fin, Total, Greased
0.1
℃/W
質量…約205g
*1:1アーム当りの値 Value Per 1 Arm.
Approximate Weight
サージ順電流
*1
Surge Forward Current
IFSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
1800
A
絶縁耐圧
Isolation Voltage
Viso
端子−ベース間,AC1分間
Terminal to Base, AC1min.
2000
V
■電気的特性 Electrical Characteristics
M5
M5
逆回復時間
*1
Reverse Recovery Time
trr
Tj=25℃,IFM=10A,−di/dt=50A/μs
90
ns
内部リードインダクタンス
Internal Inductance
Ls
アノード端子−カソード端子間
Anode Terminal to Cathode Terminal
30
nH
1
2
3
1
2
3
PC
PD
■外形寸法図 OUTLINE DRAWING (単位 Dimension:mm)


Similar Part No. - PD100F2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
PD100F2 KSS-PD100F2 Datasheet
466Kb / 2P
Fast Recovery Diode
More results

Similar Description - PD100F2

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC50F2 NIEC-PC50F2 Datasheet
215Kb / 2P
50A Avg 200 Volts
PH270F2 NIEC-PH270F2_1 Datasheet
156Kb / 2P
270A Avg 200 Volts
logo
WILLAS ELECTRONIC CORP
BSS138WT1 WILLAS-BSS138WT1 Datasheet
358Kb / 5P
200 mAmps, 50 Volts
logo
National Instruments Co...
P2H30F2 NI-P2H30F2_15 Datasheet
206Kb / 2P
30A Avg 200 Volts
P2H30QH20 NI-P2H30QH20_15 Datasheet
225Kb / 2P
30A Avg 200 Volts
P2H60F2 NI-P2H60F2_15 Datasheet
208Kb / 2P
60A Avg 200 Volts
P2H60QH20 NI-P2H60QH20_15 Datasheet
227Kb / 2P
60A Avg 200 Volts
P2H80F2 NI-P2H80F2_15 Datasheet
208Kb / 2P
80A Avg 200 Volts
P2H80QH20 NI-P2H80QH20_15 Datasheet
227Kb / 2P
80A Avg 200 Volts
PC50F2 NI-PC50F2_15 Datasheet
221Kb / 2P
50A Avg 200 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com