Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2944203 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2944203
Description  EMG 10-OV- 5DC/24DC/1
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2944203 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2944203 Datasheet HTML 1Page - PHOENIX CONTACT 2944203 Datasheet HTML 2Page - PHOENIX CONTACT 2944203 Datasheet HTML 3Page - PHOENIX CONTACT 2944203 Datasheet HTML 4Page - PHOENIX CONTACT 2944203 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EMG 10-OV- 5DC/24DC/1 Order No.: 2944203
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2944203
PHOENIX CONTACT Inc., USA
Page 3 / 5
http://www.phoenixcon.com
Mar 24, 2010
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Mounting position
Any
Assembly instructions
In rows with zero spacing
Operating mode
100% operating factor
Degree of protection
IP20
Inflammability class in acc. with UL 94 (housing)
V0
Standards/regulations
DIN VDE 0110
Rated surge voltage / insulation
Basic insulation
Certificates / Approvals
Certification
GOST
Accessories
Item
Designation
Description
Marking
2947585
EMG-SGKS 10
Equipment marker, narrow
Diagrams/Drawings
Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com