Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2944203 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2944203
Description  EMG 10-OV- 5DC/24DC/1
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2944203 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2944203 Datasheet HTML 1Page - PHOENIX CONTACT 2944203 Datasheet HTML 2Page - PHOENIX CONTACT 2944203 Datasheet HTML 3Page - PHOENIX CONTACT 2944203 Datasheet HTML 4Page - PHOENIX CONTACT 2944203 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Mar 24, 2010
Extract from the online
catalog
 
EMG 10-OV- 5DC/24DC/1
Order No.: 2944203
The illustration shows version EMG 10-OV, with DC voltage output, max. 1 A
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2944203
 
 
Power optocoupler, with light indicator and protection circuits in the
input and output circuits, input: 5 V DC, output: 5-36 V DC/ max. 1 A
 
Commercial data
EAN
4017918081508
Pack
10 pcs.
Customs tariff
85364190
Weight/Piece
0.03946 KG
Catalog page information
Page 128 (IF-2009)
Product notes
WEEE/RoHS-compliant since:
01/24/2007
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Input data
Nominal input voltage UN
5 V DC
Input voltage range in reference to UN
0.9 ... 1.1
Switching threshold "0" signal, voltage
≤ 3.3 V
Switching threshold "0" signal in reference to UN
≤ 0.6


Similar Part No. - 2944203

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2944216 PHOENIX-2944216 Datasheet
103Kb / 5P
EMG 10-OV- 12DC/24DC/1
2944229 PHOENIX-2944229 Datasheet
103Kb / 5P
EMG 10-OV- 24DC/24DC/1
2944232 PHOENIX-2944232 Datasheet
65Kb / 4P
Solid-state relay module - EMG 10-OV- 60DC/24DC/1
2944245 PHOENIX-2944245 Datasheet
64Kb / 4P
Solid-state relay module - EMG 10-OV-110DC/24DC/1
2944258 PHOENIX-2944258 Datasheet
62Kb / 4P
Solid-state relay module - EMG 10-OV-220DC/24DC/1
More results

Similar Description - 2944203

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2941361 PHOENIX-2941361 Datasheet
138Kb / 5P
DEK-OV- 5DC/ 24DC/ 3
2944216 PHOENIX-2944216 Datasheet
103Kb / 5P
EMG 10-OV- 12DC/24DC/1
2944229 PHOENIX-2944229 Datasheet
103Kb / 5P
EMG 10-OV- 24DC/24DC/1
2944232 PHOENIX-2944232 Datasheet
65Kb / 4P
Solid-state relay module - EMG 10-OV- 60DC/24DC/1
2944258 PHOENIX-2944258 Datasheet
62Kb / 4P
Solid-state relay module - EMG 10-OV-220DC/24DC/1
2944261 PHOENIX-2944261 Datasheet
108Kb / 5P
EMG 10-OV-120AC/24DC/1
2946803 PHOENIX-2946803 Datasheet
134Kb / 5P
EMG 17-OV- 24DC/ 24DC/2
2948801 PHOENIX-2948801 Datasheet
122Kb / 5P
EMG 12-OV- 5DC/240AC/1
2948827 PHOENIX-2948827 Datasheet
111Kb / 5P
EMG 12-OV- 24DC/240AC/1
2946780 PHOENIX-2946780 Datasheet
198Kb / 4P
Solid-state relay module - EMG 17-OV- 5DC/ 24DC/2
10/27/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com