Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2944203 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2944203
Description  EMG 10-OV- 5DC/24DC/1
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2944203 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2944203 Datasheet HTML 1Page - PHOENIX CONTACT 2944203 Datasheet HTML 2Page - PHOENIX CONTACT 2944203 Datasheet HTML 3Page - PHOENIX CONTACT 2944203 Datasheet HTML 4Page - PHOENIX CONTACT 2944203 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMG 10-OV- 5DC/24DC/1 Order No.: 2944203
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2944203
PHOENIX CONTACT Inc., USA
Page 2 / 5
http://www.phoenixcon.com
Mar 24, 2010
Switching threshold "1" signal voltage
≥ 4.1 V
Switching threshold "1" signal in reference to UN
≥ 0.9
Typical input current at UN
4.2 mA
Typical response time
0.1 ms
Typical turn-off time
0.2 ms
Status display
Yellow LED
Name of protection
Polarity protection
Protective circuit/component
Polarity protection diode
Transmission frequency
500 Hz
Output data
Output nominal voltage
24 V DC
Output nominal voltage range
5 V DC ... 36 V DC
Limiting continuous current
1 A
Surge current
2 A (t = 1 s)
Peak offstate voltage
45 V DC (Collector-emitter reverse voltage)
Voltage drop at max. limiting continuous current
≤ 1 V
Output circuit
2-conductor floating
Name of protection
Polarity protection
Protective circuit/component
Polarity protection diode
Connection data
Type of connection
Screw connection
Stripping length
8 mm
Screw thread
M3
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
General data
Width
10 mm
Height
102 mm
Depth
75 mm
Test voltage input/output
3.5 kV AC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com