Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9236 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS9236
Description  SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS9236 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS9236 Datasheet HTML 5Page - Cirrus Logic CS9236 Datasheet HTML 6Page - Cirrus Logic CS9236 Datasheet HTML 7Page - Cirrus Logic CS9236 Datasheet HTML 8Page - Cirrus Logic CS9236 Datasheet HTML 9Page - Cirrus Logic CS9236 Datasheet HTML 10Page - Cirrus Logic CS9236 Datasheet HTML 11Page - Cirrus Logic CS9236 Datasheet HTML 12Page - Cirrus Logic CS9236 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
CS9236
DS214PP11
9
CS9236 Clocks and Timing Generation
The CS9236 internal timing is derived from one of two pos-
sible sources; the part may be supplied a 16.9344 MHz Mas-
ter Clock signal from an external source, or the timing may be
generated using the on-chip oscillator circuit in conjunction
with an external 16.9344 MHz quartz crystal. When a Master
Clock signal is provided to the CS9236 from an external de-
vice, the Master Clock signal should be connected to the
CS9236 MCLK5I input pin and the XTAL3I input pin is
grounded. When the CS9236 internal timing is generated us-
ing the on-chip oscillator circuit, a 16.9344 MHz quartz crys-
tal is connected between the CS9236 XTAL3I input pin and
the XTALO output pin, and the MCLK5I input pin is ground-
ed. In this case, the XTALO output may also be used as a
384X master clock for the CS9236 digital audio output signal,
SOUT.
Power-Down Modes
The CS9236 provides a fully-static power-down mode of op-
eration. The power-down mode is initiated either by assertion
of the active-low PDN signal, or by gating off of the MCLK5I
input signal (via the CODEC DMCLK bit in CS4236B/7B/8B
applications). In the power-down mode of operation, clock
signals to virtually all of the CS9236 internal circuitry are gat-
ed off to minimize power consumption. The CS9236 device
is fully static, so all internal states and register values will be
retained during power-down, provided that power remains
applied to the device and that the RST signal remains inac-
tive. Power-down operation is terminated either by deasser-
tion of PDN or by gating back on the MCLK5I input signal.
The device will then resume normal operation.
Digital Audio Interface
The CS9236 provides a stereo 16-bit serial digital audio out-
put at a 44.1 ksample/s sampling rate. The CS9236 digital au-
dio output is compatible with the Crystal Semiconductor
CS4236B/37B/38B and CS4333 devices. The digital audio
interface consists of the digital audio output signal, SOUT,
and the associated left/right word clock output, LRCLK.
Transitions of the SOUT and LRCLK signals are synchro-
nous to the CS9236 crystal oscillator output clock, XTALO.
The relationship between the CS9236 SOUT data output and
the LRCLK clock output is indicated in Figure 4.
Reset
The CS9236 is initialized/reset to a known default state using
the RST signal. The RST signal should be applied at power-
on time to initialize the part. Minimum RST pulse width is
500 ns.
Left Channel
Right Channel
15
13 12 11 10 98
76
54
3 2
1
14
0
15
13 12 11 10 98
76
54
321
14
0
0
LRCLK
SOUT
8-bits
8-bits
Figure 4. Digital Audio Port Format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com